MHO+37TFG-R
AI

The **MHO+37TFG-R** is a specific series classification for a **Quartz Crystal Oscillator**, typically manufactured by companies like **Mercury Electronic**. These components are fundamental in electronics for generating precise clock signals and timing frequencies.
---
## 1. Component Overview
The "MHO" series generally refers to high-stability crystal oscillators housed in a **Half-Size DIP (Dual In-line Package)**. This specific part is designed for through-hole mounting on printed circuit boards (PCBs).
### Key Technical Specifications
| Feature | Typical Specification |
| :--- | :--- |
| **Package Type** | 8-pin Half-size DIP (4 pins used) |
| **Frequency Range** | Usually 1.0 MHz to 150.0 MHz (Check specific suffix) |
| **Supply Voltage** | 3.3V or 5.0V (Standard) |
| **Output Logic** | HCMOS / TTL Compatible |
| **Stability** | ±25ppm to ±100ppm |
| **Operating Temp** | -10°C to +70°C (Standard) or -40°C to +85°C (Industrial) |
---
## 2. Pin Configuration (Half-Size DIP)
Though the casing looks like an 8-pin chip, only 4 pins are physically present or functional:
1. **Pin 1 (NC or OE):** No Connection or Output Enable (Tristate function).
2. **Pin 4 (GND):** Ground connection to the case.
3. **Pin 5 (Output):** The clock signal output.
4. **Pin 8 (Vcc):** Positive power supply input.
---
## 3. Breakdown of the Part Number
The alphanumeric string follows a specific coding convention:
* **MHO:** Series identifier (Mercury High Output / Half-size DIP).
* **+:** Often indicates RoHS Compliance (Lead-free).
* **3:** Represents the voltage (e.g., 3.3V).
* **7:** Indicates frequency stability (e.g., ±25ppm).
* **T:** Represents the Output Enable (Tristate) function.
* **FG:** Temperature range and frequency code.
* **R:** Tape and Reel packaging or a specific revision code.
---
## 4. Common Applications
Because of its high precision and metal shielding (which reduces Electromagnetic Interference), the MHO+37TFG-R is found in:
* **Microcontrollers:** Providing the main system heartbeat.
* **Networking Gear:** Modems, routers, and switches.
* **Industrial Control:** Timing for PLCs and automated machinery.
* **Legacy Hardware:** Maintenance of older computing systems using DIP footprints.
---
- ⤷
What is the exact frequency of the MHO+37TFG-R variant you are looking at?
- ⤷ How do I test a crystal oscillator using an oscilloscope?
- ⤷ What are the advantages of a Half-size DIP over an SMD oscillator?