AI

The **MHO+36TGG-R** is a specific part number typically associated with **D-Subminiature (D-Sub) connectors**, specifically a high-density, right-angle, PCB-mount variant. These are common in computer hardware, industrial controllers, and telecommunications.
Below is a breakdown of its technical specifications and features.
---
### 1. Technical Specifications
The following table outlines the general characteristics of this component type:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | High-Density D-Sub |
| **Number of Positions** | 15, 26, 44, or 62 (Standard for high density) |
| **Mounting Type** | Right Angle Through-Hole (PCB Mount) |
| **Gender** | Female (Socket) |
| **Contact Material** | Copper Alloy |
| **Contact Plating** | Gold (G) or Gold Flash over Nickel |
| **Housing Material** | Thermoplastic (UL 94V-0 Rated) |
| **Current Rating** | ~3A per contact |
| **Operating Temperature** | -55°C to +105°C |
---
### 2. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature usually signifies the following:
* **MHO:** Series prefix (Often associated with "Metal Hood" or specific manufacturer series).
* **36:** Often refers to the footprint or shell size.
* **T:** Termination type (Through-hole).
* **GG:** Contact plating (Gold on Gold).
* **R:** Right-angle orientation.
---
### 3. Key Features
* **Space Efficiency:** High-density connectors allow for more pins in a smaller shell size compared to standard D-Subs (e.g., 15 pins in a 9-pin shell size).
* **EMI/RFI Shielding:** The metal shell provides grounding and protection against electromagnetic interference.
* **Board Locks:** Usually equipped with mechanical "harpoons" or board locks to provide stability during the soldering process and prevent the connector from being pulled off the PCB.
* **Durability:** Designed for high mating cycles, making it suitable for external I/O ports.
---
### 4. Typical Applications
1. **Video Output:** VGA (15-pin HD) connections for monitors.
2. **Industrial Automation:** Sensor arrays and PLC communication ports.
3. **Data Transmission:** RS-232/422/485 serial communication in compact spaces.
4. **Medical Equipment:** High-reliability signal routing.
- ⤷
What are the mechanical dimensions for the PCB footprint of this connector?
- ⤷ How does 'High Density' differ from standard D-Sub connectors in terms of pin pitch?
- ⤷ What are the recommended soldering temperature profiles for this part?