công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+36FAG-R

  • AI
    The **MHO+36FAG-R** is a specific series classification for a **Crystal Oscillator**, typically manufactured by companies like **Mercury Electronic**. These components are essential in digital circuits to provide a stable clock signal. --- ### 1. Component Overview The MHO series generally refers to high-frequency crystal oscillators housed in a standard metal package. | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (SPXO - Simple Packaged Crystal Oscillator) | | **Package Type** | 14-pin DIP (Dual In-line Package) - Full Size | | **Common Frequency Range** | 1.0 MHz to 150.0 MHz (varies by sub-model) | | **Output Type** | CMOS / TTL Compatible | | **Mounting Style** | Through-hole | --- ### 2. Technical Specifications While the specific suffix "36FAG-R" defines the exact electrical characteristics, the general parameters for this series include: * **Supply Voltage ($V_{DD}$):** Usually **+5.0V DC** (standard for the MHO series, though 3.3V variants exist). * **Frequency Stability:** Typically ranges from $\pm25\text{ppm}$ to $\pm100\text{ppm}$ depending on the grade. * **Operating Temperature:** Generally $-10^\circ\text{C}$ to $+70^\circ\text{C}$ (Standard) or $-40^\circ\text{C}$ to $+85^\circ\text{C}$ (Industrial). * **RoHS Compliance:** The **"-R"** suffix typically denotes **RoHS Compliant** (Lead-free). --- ### 3. Pin Configuration For the standard 14-pin DIP package used by the MHO series, only 4 pins are physically present or functional: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or ED | No Connection or Output Enable/Disable | | **7** | GND | Circuit Ground | | **8** | Output | The generated clock signal (Square Wave) | | **14** | $V_{DD}$ | Positive Power Supply (+5V) | --- ### 4. Part Number Breakdown (Typical) * **MHO:** Series Name (Metal Hole Oscillator). * **+:** Often indicates a specific lead-free process or upgraded specification. * **3:** Represents the voltage or stability code (e.g., 3 = 5.0V). * **6:** Stability code (e.g., 6 = $\pm25\text{ppm}$). * **FAG:** Internal manufacturer codes for temperature range and symmetry. * **R:** RoHS Compliant. --- ### 5. Common Applications * **Microprocessors:** Providing the base clock for CPUs. * **Networking:** Timing for Ethernet and telecommunication hardware. * **Industrial Control:** Synchronizing logic gates in PLC systems. * **Legacy Hardware:** Often used in older computer motherboards or radio equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active crystal oscillator like the MHO and a passive crystal resonator?
    • ⤷ How do I test if an MHO+36FAG-R oscillator is functioning using an oscilloscope?
    • ⤷ Can I use a 3.3V supply for an oscillator rated at 5V?