MHO+34TGG-R
AI

The **MHO+34TGG-R** is a specialized electronic component, typically identified as a **high-precision, high-temperature Crystal Oscillator** or a similar frequency control device manufactured by companies like **MtronPTI**.
These parts are engineered for reliability in extreme environments, such as aerospace, defense, or high-end industrial applications.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Fixed-frequency timing source. |
| **Package Style** | 14-pin DIP (Full Size) | Through-hole mounting, metal canister. |
| **Output Type** | CMOS / TTL | Square wave output compatible with most logic. |
| **Supply Voltage** | 5.0V (Typical) | Standard voltage for legacy and industrial systems. |
| **Temperature Range** | -55°C to +125°C | Military-grade temperature tolerance. |
| **Stability** | ±50ppm to ±100ppm | High precision over the entire temp range. |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the construction:
1. **MHO+**: Refers to the series (Mtron High-reliability Oscillator). The "+" often indicates RoHS compliance (lead-free).
2. **3**: Represents the supply voltage (typically 5.0V for this series).
3. **4**: Refers to the stability/temperature rating (often -55°C to +125°C).
4. **TGG**: Internal coding for specific output characteristics (Tristate functionality or specific Duty Cycle requirements).
5. **-R**: Indicates the part is **RoHS Compliant**.
---
### 3. Internal Components and Functionality
The device is an integrated module containing several critical electronic parts:
* **Quartz Crystal Plate:** The "heart" of the component, which vibrates at a specific frequency when a voltage is applied.
* **Oscillator IC:** An integrated circuit that maintains the vibration of the crystal and converts the mechanical vibration into an electrical signal.
* **Compensation Network:** Internal capacitors and resistors used to stabilize the frequency against temperature fluctuations.
* **Hermetic Metal Case:** A rugged enclosure filled with an inert gas (like Nitrogen) to prevent moisture from degrading the crystal.
---
### 4. Common Applications
Due to its robust build, the MHO+34TGG-R is commonly found in:
* **Avionics:** Cockpit instrumentation and flight control systems.
* **Industrial Controls:** High-heat environments like engine sensors.
* **Legacy Computing:** Maintenance of older military or telecommunication hardware requiring 14-pin DIP footprints.
- ⤷
What is the specific frequency rating for your version of the MHO+34TGG-R?
- ⤷ Are you looking for a modern surface-mount (SMD) equivalent for this part?
- ⤷ Do you need the pinout diagram for the 14-pin DIP package?