MHO+32TFG-R
AI

The **MHO+32TFG-R** is a high-precision electronic component, specifically a **Crystal Oscillator** (often integrated into a Clock Oscillator module). It is manufactured by companies like *Mercury Electronic Ind. Co., Ltd.* and is designed for surface-mount applications.
### 1. Key Technical Specifications
Below are the typical specifications for the MHO+ series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Clock Oscillator (XO) |
| **Package Type** | 14-Pin DIP or Half-Size (Through-hole / SMD Hybrid) |
| **Frequency Stability** | Generally ±25ppm to ±100ppm |
| **Operating Voltage** | 3.3V or 5.0V (Standard) |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Temperature** | -10°C to +70°C (Standard) or -40°C to +85°C (Industrial) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **MHO+**: Represents the product series (High-speed, Metal package, or specific layout style).
* **32**: Often refers to the supply voltage (e.g., 3.3V) or a specific package size code.
* **TFG**: This is a sub-code for specific performance characteristics:
* **T**: Often denotes "Tristate" function (Enable/Disable pin).
* **F**: Can refer to a specific frequency stability or temperature range.
* **G**: Usually indicates the symmetry or output load characteristics.
* **R**: Indicates **RoHS Compliance** (Lead-free).
---
### 3. Functional Pinout (Typical)
Most oscillators in this category follow a standard 4-pin configuration within their housing:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **E/D or NC** | Enable/Disable (Tristate) or No Connection |
| 7 (or 4) | **GND** | Circuit Ground |
| 8 (or 5) | **Output** | The generated clock signal (Square Wave) |
| 14 (or 8)| **Vdd** | Power Supply (Input Voltage) |
---
### 4. Applications
The MHO+32TFG-R is used in circuits that require a steady, reliable "heartbeat" or timing signal, including:
* **Microcontrollers/CPUs**: Providing the base clock for instruction processing.
* **Networking Hardware**: Synchronizing data transmission in routers and switches.
* **Embedded Systems**: Timing for industrial controllers and consumer electronics.
---
- ⤷What is the exact frequency of the MHO+32TFG-R variant?
- ⤷ How does the 'Tristate' function work in this oscillator?
- ⤷ What are the equivalent alternatives for this specific part?