công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+32FBD-R

  • AI
    The **MHO+32FBD-R** is a specific variant of a magnetic-hydraulic circuit breaker, typically manufactured by companies like **Sensata (Airpax)**. These components are designed for precision circuit protection, often used in telecommunications, industrial automation, and data centers. --- ## 1. Component Specifications Below are the primary electronic and mechanical characteristics typically associated with this model series: | Feature | Description | | :--- | :--- | | **Type** | Magnetic-Hydraulic Circuit Breaker | | **Number of Poles** | 1 (Single Pole) | | **Mounting Style** | Snap-in / Front Panel Mount | | **Actuator Style** | Rocker Switch (often indicated by the "R" suffix) | | **Standard Trip Time** | Delay 62 (Medium Delay) or similar (Model specific) | | **Termination** | Bullet terminals or Screw terminals | --- ## 2. Core Electronic Mechanisms ### A. Magnetic-Hydraulic Trip Principle Unlike thermal breakers that rely on heat, the MHO+32FBD-R uses a **solenoid coil** wrapped around a hermetically sealed tube containing a spring-loaded iron core and a damping fluid (silicone oil). 1. **Normal Current:** The magnetic field is too weak to move the core. 2. **Overload:** The magnetic field pulls the core through the fluid (creating a time delay). When the core reaches the end, the magnetic circuit closes and trips the mechanism. 3. **Short Circuit:** The magnetic force is so strong it overcomes the fluid resistance instantly, tripping the breaker immediately. ### B. Temperature Stability One of the most critical electronic advantages of this part is that it is **not affected by ambient temperature**. * **Thermal Breakers:** Trip earlier in hot environments and later in cold ones. * **MHO+32FBD-R:** The trip point remains constant at 100% of the rated current regardless of the room temperature. --- ## 3. Configuration Decoding While specific manufacturer datasheets vary slightly, the part number breaks down as follows: | Code Segment | Meaning | | :--- | :--- | | **MHO** | Series designation (Standard Magnetic-Hydraulic) | | **32** | Likely refers to the physical frame size or mounting configuration | | **F** | Internal configuration (e.g., Series Trip) | | **BD** | Handle/Actuator color or marking (e.g., Black/Dual markings) | | **R** | Rocker-style actuator | --- ## 4. Typical Applications Due to its precision and reliability, this part is commonly found in: * **PDU (Power Distribution Units):** Protecting server racks. * **Communication Equipment:** Base stations and routers. * **Medical Electronics:** Where nuisance tripping due to heat must be avoided. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating (Amperes) for this specific model?
    • ⤷ How does the 'Delay 62' curve affect motor start-up currents?
    • ⤷ Can this breaker be used in both AC and DC circuits?