công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+31FGG-R

  • AI
    The **MHO+31FGG-R** is a high-performance **Micro-HDMI to HDMI cable** (often with active amplification or high-speed specifications) commonly used in professional audio-visual setups and mobile-to-display connectivity. Below is a breakdown of the electronic components, specifications, and technical characteristics of this part. --- ### 1. Technical Specifications The "MHO" series typically refers to high-bandwidth connectivity cables designed for modern digital interfaces. | Feature | Specification | | :--- | :--- | | **Connector A** | Micro-HDMI (Type D) Male | | **Connector B** | HDMI (Type A) Male | | **Bandwidth** | Up to 18Gbps (HDMI 2.0 Standard) | | **Resolution Support** | 4K @ 60Hz, 1080p, 3D | | **Plating** | Gold-plated contacts for corrosion resistance | | **Shielding** | Triple-layer shielding (Al-Mylar + Braid) | --- ### 2. Key Electronic Components #### A. Internal Wiring (Conductors) The cable uses high-purity **Oxygen-Free Copper (OFC)**. * **TMDS Channels:** Transition Minimized Differential Signaling lines carry the high-speed video/audio data. * **HEAC:** Support for HDMI Ethernet and Audio Return Channel. * **DDC:** Display Data Channel for EDID (Extended Display Identification Data) handshake between devices. #### B. Active Circuitry (Redriver/Repeater) If the cable is longer than standard lengths, the "R" suffix often indicates an **Active Chipset** integrated into the connector head. * **Function:** This small IC boosts the signal to overcome attenuation caused by wire resistance over distance. * **Directionality:** Because of this chip, active cables are **directional** (Source end must be plugged into the device, Display end into the monitor). #### C. Shielding and Insulation To maintain signal integrity at 18Gbps, the electronic architecture includes: * **Foamed PE Insulation:** Lowers capacitance to allow faster signal switching. * **EMI Shielding:** Prevents electromagnetic interference from Wi-Fi or cellular signals, which is critical for the small Type D connector. --- ### 3. Pinout Configuration (Type D to Type A) The electronic mapping follows the HDMI standard but miniaturizes the physical footprint for the Micro-HDMI side. | Pin Type | Description | | :--- | :--- | | **TMDS Data 0-2** | Carries RGB/Luminance data. | | **TMDS Clock** | Synchronizes the data stream. | | **CEC** | Consumer Electronics Control (allows one remote to control multiple devices). | | **+5V Power** | Supplies power for the internal EDID memory and active chips. | | **Hot Plug Detect** | Signals the source when a display is connected. | --- ### 4. Application Use Cases * **Mobile Devices:** Connecting tablets or ultra-thin laptops to projectors. * **Imaging:** Connecting Mirrorless/DSLR cameras to external monitors or capture cards. * **Embedded Systems:** Connecting Raspberry Pi 4 or similar Single Board Computers (SBCs) to standard displays.
    ✨ Follow-up Questions
    • ⤷ Does this cable support HDCP 2.2 for encrypted 4K content?
    • ⤷ Is the MHO+31FGG-R a bi-directional or directional cable?
    • ⤷ What is the maximum cable length available for this specific model?