MHO+31FCG-R
AI

The **MHO+31FCG-R** is a specific part number belonging to the **MHO series** of high-precision, high-stability Crystal Oscillators manufactured by **Mercury Electronic**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The MHO series is primarily designed for high-density surface mounting and offers excellent frequency stability over a wide temperature range.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO - Simple Packaged Crystal Oscillator) |
| **Package Type** | Full-Size (14-pin DIP compatible) or Half-Size (8-pin DIP) |
| **Output Type** | HCMOS / TTL Compatible |
| **Mounting Type** | Through-Hole (R-series often denotes specific lead forming or RoHS compliance) |
---
### 2. Part Number Breakdown
While specific manufacturer codes can vary slightly, here is the standard decoding for the MHO series:
* **MHO:** Series name (Metal Hermetic Oscillator).
* **+ (Plus Sign):** Usually indicates **RoHS Compliance** (Lead-Free).
* **3:** Indicates the Operating Voltage. Typically **3.3V DC** (whereas '5' would be 5.0V).
* **1:** Frequency Stability code. Usually represents **±100ppm** or **±50ppm** depending on the specific catalog year.
* **F:** Frequency Control/Enable Function (often denotes Pin 1 is "No Connect" or "Tri-state").
* **CG:** Temperature Range code. "C" usually stands for **0°C to +70°C** (Commercial grade).
* **R:** Packaging/Revision suffix (e.g., Radial, RoHS, or specific lead length).
---
### 3. Electrical Characteristics
These parts are known for providing a steady clock signal for microprocessors and digital circuits.
| Parameter | Typical Value |
| :--- | :--- |
| **Supply Voltage (Vdd)** | 3.3V DC (±10%) |
| **Frequency Range** | Typically 1.0 MHz to 125.0 MHz (Specific to the crystal cut) |
| **Output Load** | 15pF to 50pF |
| **Duty Cycle** | 40/60% to 45/55% |
| **Rise/Fall Time** | 6ns to 10ns (Max) |
| **Current Consumption** | 15mA to 35mA (Frequency dependent) |
---
### 4. Pin Configuration
For the standard 14-pin DIP footprint (where only 4 pins are actually used):
1. **Pin 1:** N/C (No Connection) or Tri-state (Output Enable/Disable).
2. **Pin 7:** Ground (Case Ground).
3. **Pin 8:** Output (Clock Signal).
4. **Pin 14:** Vcc (+3.3V).
---
### 5. Common Applications
* **Networking:** Routers, Switches, and Hubs.
* **Industrial:** PLCs and embedded controllers.
* **Consumer Electronics:** Set-top boxes and digital clocks.
* **Computing:** Motherboards and peripheral timing.
- ⤷
What is the exact frequency marked on your MHO+31FCG-R unit?
- ⤷ Do you need a datasheet for the Tri-state function pinout?
- ⤷ Are you looking for a modern SMD equivalent for this through-hole part?