MHO+31FAAD-R
AI

The **MHO+31FAAD-R** is a specific part number typically associated with a **Crystal Oscillator** or **Clock Oscillator**. These components are essential in electronic circuits for providing a precise timing signal (heartbeat) to microprocessors, FPGAs, and other digital systems.
Below is a detailed breakdown of the technical specifications and characteristics of this component.
---
### 1. General Specifications
Based on standard industry naming conventions for the MHO series (often manufactured by companies like MtronPTI or similar frequency control specialists), here are the typical technical parameters:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Crystal Clock Oscillator (XO) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - often 4 pins connected |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | Typically 5.0V (Standard for the MHO series) |
| **Stability** | Usually $\pm$100ppm or $\pm$50ppm (depending on the full suffix) |
| **Frequency Range** | Fixed frequency (The specific frequency is usually printed on the housing) |
---
### 2. Pin Configuration
For a standard 14-pin DIP style oscillator like the MHO+ series, only four pins are functional. The internal layout usually follows this industry standard:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC or Tri-state | No Connection or Output Enable/Disable |
| **Pin 7** | GND | Ground / Negative Supply |
| **Pin 8** | Output | The generated clock signal (Square wave) |
| **Pin 14** | $V_{cc}$ | Positive Power Supply (+5V) |
---
### 3. Key Characteristics
* **A-Series Design:** The "A" in the part number often denotes specific temperature ranges or stability grades. Standard "A" parts usually operate from **0°C to +70°C**.
* **Through-Hole Mounting:** The DIP package is designed for through-hole PCB mounting or insertion into IC sockets, making it popular for industrial equipment and legacy hardware.
* **Reliability:** These oscillators are "Fixed Frequency," meaning they are factory-tuned and do not require external capacitors (load caps) to function, unlike a raw 2-pin crystal.
---
### 4. Typical Applications
The MHO+31FAAD-R is commonly found in:
1. **Industrial Controllers:** Providing stable timing for PLCs.
2. **Legacy Computing:** Serving as the master clock for older CPU architectures.
3. **Networking Hardware:** Synchronizing data transmission in switches or routers.
4. **Test Equipment:** Used in signal generators or frequency counters.
---
- ⤷
What is the specific frequency printed on your MHO+31FAAD-R unit?
- ⤷ How does an active oscillator differ from a passive crystal resonator?
- ⤷ Can this component be used in a 3.3V circuit instead of 5V?