MHO+27TGG-R
AI

The **MHO+27TGG-R** is a specific part number typically associated with a **Crystal Oscillator**. Based on the naming convention (MHO series), it is manufactured by **Mercury Electronic**, a prominent supplier of frequency control devices.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
The MHO series is known for being a high-quality, through-hole (DIP) crystal oscillator used in various timing and clock signal generation circuits.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Clock Oscillator (SPXO) |
| **Package Type** | 14-pin DIP (Full size) or 8-pin DIP (Half size) |
| **Output Type** | CMOS / TTL Compatible |
| **Frequency Range** | Typically fixed (e.g., 27.000 MHz) |
| **Operating Voltage** | Usually 5.0V or 3.3V (Model dependent) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature usually follows this logic:
* **MHO**: Series prefix for Mercury Electronic High-Output oscillators.
* **27**: Frequency identifier (often refers to **27.000 MHz**).
* **TGG**: Specific internal codes for stability and temperature range (e.g., ±50ppm or ±100ppm stability).
* **R**: Indicates **RoHS Compliance** (Lead-free).
---
### 3. Pin Configuration (14-pin DIP standard)
Oscillators in this series typically use only four physical pins, even if the casing fits a 14-pin socket.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / OE | No Connection or Output Enable (Tri-state) |
| **7** | GND | Circuit Ground |
| **8** | Output | Clock Signal Output |
| **14** | Vcc | Positive Supply Voltage |
---
### 4. Typical Applications
The MHO+27TGG-R is used as a "heartbeat" for digital systems that require a precise 27 MHz reference clock.
* **Video Systems:** 27 MHz is a standard frequency for NTSC/PAL video encoding.
* **Microcontrollers:** Providing external clock sources to MCUs.
* **Networking:** Synchronizing data transmission in Ethernet or USB hardware.
* **Embedded Systems:** Industrial control boards and legacy computing hardware.
---
### 5. Electrical Characteristics
* **Frequency Stability:** Usually ranges from ±25ppm to ±100ppm.
* **Duty Cycle:** 40/60% to 45/55%.
* **Rise/Fall Time:** Fast switching (typically < 10ns) to maintain signal integrity in high-speed digital circuits.
---
- ⤷What is the exact supply voltage (Vcc) required for the MHO+27TGG-R?
- ⤷ Can this oscillator be used in surface-mount (SMD) applications with an adapter?
- ⤷ What is the operating temperature range for the 'TGG' grade?