công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+27FDD-R

  • AI
    The **MHO+27FDD-R** is a specific technical designation typically associated with high-performance **TFT LCD Monitor modules** or integrated display assemblies, often used in medical, industrial, or high-end office environments. Below is an explanation of the core electronic parts and technical specifications associated with this type of hardware. --- ### 1. Key Technical Specifications The "27FDD" suffix generally denotes a 27-inch panel with Full HD (1920x1080) resolution. | Feature | Specification | | :--- | :--- | | **Panel Type** | TFT-LCD (often IPS/AAS for wide viewing angles) | | **Screen Size** | 27.0 Inches (Diagonally) | | **Native Resolution** | 1920 x 1080 (FHD) | | **Backlight Type** | WLED (White Light Emitting Diode) | | **Interface** | LVDS (Low-Voltage Differential Signaling) or eDP | | **Refresh Rate** | 60Hz - 75Hz (Standard) | --- ### 2. Core Electronic Components #### A. The LCD Controller Board (AD Board) The brain of the unit. It converts incoming signals (HDMI, DisplayPort, VGA) into data the LCD panel can understand. * **Scalar IC:** Processes the image scaling and color management. * **EEPROM/Flash:** Stores the firmware and EDID (Extended Display Identification Data). #### B. LED Driver (Inverter Replacement) Modern panels use LEDs rather than CCFL tubes. * **Function:** Converts the low DC voltage from the power supply into the specific constant current required to light up the WLED strips. * **Dimming Control:** Manages PWM (Pulse Width Modulation) for brightness adjustments. #### C. T-CON Board (Timing Controller) Often integrated into the panel itself. * **Function:** It acts as the "bridge" between the AD Board and the LCD glass. It directs when each specific pixel should turn on or off by controlling the Source and Gate drivers. #### D. Connectivity Ports The "R" in the model often signifies a specific revision or a "Rear" input configuration: * **Signal Inputs:** Usually 1x HDMI, 1x VGA, and sometimes a DisplayPort. * **Power Input:** Typically 12V DC via a barrel jack. --- ### 3. Circuit Protection & Power Management The electronic assembly includes several protection layers: 1. **Schottky Diodes:** For reverse polarity protection. 2. **Smoothing Capacitors:** High-quality electrolytic or ceramic capacitors to ensure a ripple-free DC voltage to the logic chips. 3. **LDO Regulators:** Low-dropout regulators that step down voltage (e.g., from 12V to 5V or 3.3V) for the integrated circuits. --- ### 4. Common Pinout Structure (LVDS Interface) If you are repairing or interfacing with this part, the 30-pin or 40-pin LVDS connector is the primary electronic interface. ```c Pin 1-3: VCC (Power Supply, usually 5V or 12V) Pin 4-6: GND (Ground) Pin 7-15: Data Channels (Even/Odd pixels) Pin 16-20: Clock Signals ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact power consumption of the MHO+27FDD-R?
    • ⤷ Is this display compatible with standard VESA mounts?
    • ⤷ Can the AD board be replaced with a universal controller?