MHO+27FAAD-R
AI

The **MHO+27FAAD-R** is a specific technical designation typically associated with high-precision **Crystal Oscillators (XO)**, often manufactured by companies like MtronPTI. These components are essential in electronic circuits for generating a stable clock signal.
---
### 1. Technical Specification Breakdown
The alphanumeric code represents specific physical and electrical characteristics of the component:
| Specification | Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Type** | 5x7mm Surface Mount Device (SMD) |
| **Output Type** | HCMOS / TTL Compatible |
| **Voltage Supply** | Typically 3.3V or 5.0V (Variant dependent) |
| **Stability** | Usually ±20ppm to ±100ppm |
| **Operating Temp** | Standard Industrial Range (-40°C to +85°C) |
### 2. Key Electronic Functions
The MHO series serves three primary roles in a circuit:
1. **Frequency Reference:** It provides a steady "heartbeat" for microprocessors and digital systems to synchronize operations.
2. **Signal Conversion:** It converts mechanical vibrations from a quartz crystal into a square-wave electrical signal (HCMOS/TTL).
3. **Timing Accuracy:** Unlike simple resonators, the MHO series includes integrated circuitry to ensure the frequency remains stable despite temperature fluctuations.
---
### 3. Connection Pinout
Most oscillators in this series follow a standard 4-pin configuration:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect |
| **2** | GND | Ground / Negative Supply |
| **3** | Output | The generated clock signal (Square Wave) |
| **4** | Vcc | Positive Power Supply (Voltage Input) |
### 4. Common Applications
* **Networking:** Used in Ethernet switches and routers for data packet timing.
* **Embedded Systems:** Providing the clock for ARM or AVR microcontrollers.
* **Industrial Controls:** Ensuring precision in automated manufacturing equipment.
* **Telecommunications:** Frequency synthesis in RF applications.
---
### 5. Simple Implementation Example
To use this part in a digital circuit, you would typically wire it as follows:
```cpp
// Schematic Logic for MHO Oscillator
[Vcc 3.3V] ----> Pin 4 (Vcc)
[Ground] ----> Pin 2 (GND)
[MCU_Clock] <--- Pin 3 (Output)
// Optional: 0.1uF Decoupling Capacitor between Pin 4 and Pin 2
```
- ⤷
What is the exact frequency of the MHO+27FAAD-R version?
- ⤷ Can this oscillator be used in high-temperature automotive environments?
- ⤷ What is the difference between an XO and a TCXO in the MHO series?