MHO+26TBD-R
AI

The **MHO+26TBD-R** is a specific part number typically associated with **MHO+ Series Clock Oscillators** manufactured by providers like MtronPTI. These components are critical for providing a stable frequency reference in digital circuits.
---
### 1. Part Number Breakdown
Based on standard industry naming conventions for the MHO series, the alphanumeric code can be decoded as follows:
| Segment | Feature | Description |
| :--- | :--- | :--- |
| **MHO+** | Series Type | High-reliability, 14-pin DIP compatible (though often 4-pin) Crystal Oscillator. |
| **2** | Supply Voltage | Usually indicates **5.0V** (standard) or **3.3V** operation. |
| **6** | Stability/Temp | Represents frequency stability (e.g., ±50ppm or ±100ppm) over a specific range. |
| **T** | Output Type | **TTL / HCMOS** compatible output. |
| **B** | Duty Cycle | Often indicates a 40/60% or 45/55% tight symmetry. |
| **D** | Tri-state Function | Includes an "Enable/Disable" function on Pin 1. |
| **R** | RoHS Compliance | Lead-free and compliant with environmental regulations. |
---
### 2. Key Technical Specifications
While specific datasheets should be consulted for exact frequency values (usually measured in MHz), the general specifications for this series include:
* **Frequency Range:** Typically 1.000 MHz to 150.000 MHz.
* **Package Style:** Through-hole (DIP) or SMD, often in a metal "half-size" or "full-size" can to reduce EMI.
* **Operating Temperature:** Generally -10°C to +70°C (Commercial) or -40°C to +85°C (Industrial).
* **Output Load:** 15pF to 50pF (HCMOS).
---
### 3. Pin Configuration
For the standard 4-pin "Half-Size" DIP package common to this series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Tri-state (INH) | High or Open = Output Active; Low = High Impedance. |
| **7** | Case Ground | Connected to the metal cover to minimize noise. |
| **8** | Output | The generated clock signal (Square wave). |
| **14** | Vcc | Positive supply voltage (+5V or +3.3V). |
---
### 4. Applications
The MHO+26TBD-R is used in environments requiring a robust, through-hole timing solution:
* **Legacy Computing:** Motherboards and peripheral controllers.
* **Industrial Control:** PLCs and automation hardware.
* **Networking:** Routers and switches requiring a stable HCMOS clock.
* **Test Equipment:** Oscilloscopes and signal generators.
- ⤷
What is the specific frequency rating for your version of this part?
- ⤷ Do you need a surface-mount equivalent for this through-hole part?
- ⤷ How does the Tri-state function on Pin 1 affect power consumption?