MHO+26TAD-R
AI

The **MHO+26TAD-R** is a specific series of high-precision, high-frequency **Crystal Oscillators** (frequently associated with the MtronPTI brand). These components are critical in electronics for generating a stable clock signal required for timing in digital circuits.
### 1. General Specifications
The "MHO" series typically refers to a Half-Size (14-pin DIP footprint, but usually only 4 pins are active) through-hole crystal oscillator.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Type** | 4-Pin DIP / Half-Size (Through-Hole) |
| **Frequency Range** | Usually between 1.0 MHz and 100.0 MHz |
| **Supply Voltage (Vcc)** | Typically +5.0V DC (Standard for MHO series) |
| **Output Type** | TTL / HCMOS Compatible |
| **RoHS Status** | The **-R** suffix indicates RoHS Compliance (Lead-free) |
---
### 2. Pin Configuration (Pinout)
Though the casing resembles a 14-pin DIP integrated circuit, it utilizes a 4-pin layout for simplicity and stability.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC or Tri-State | No connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The generated clock frequency signal |
| **Pin 14** | Vcc | Positive Power Supply (+5V) |
---
### 3. Key Electronic Characteristics
* **Stability:** These oscillators are chosen for their frequency stability, often measured in parts per million (PPM), ensuring that the electronic device maintains accurate timing despite temperature changes.
* **Symmetry/Duty Cycle:** Usually 40/60% to 45/55%, ensuring the "high" and "low" parts of the square wave are relatively equal.
* **Rise/Fall Time:** Designed to be very fast (typically <10ns) to ensure clean transitions for high-speed digital logic.
---
### 4. Part Number Breakdown (Decoding)
While codes can vary slightly by manufacturer, the MtronPTI nomenclature usually follows this logic:
1. **MHO:** Series Identifier (Metal Half-size Oscillator).
2. **+:** Often indicates a specific stability or voltage variation.
3. **26:** Often refers to a specific frequency stability (e.g., ±100ppm or ±50ppm) and operating temperature range.
4. **TAD:** Specific internal designator for output type (TTL/CMOS) and pin 1 functionality.
5. **-R:** **RoHS Compliant**. This confirms the part is manufactured without hazardous substances like lead.
---
### 5. Common Applications
* **Microprocessor Clocks:** Providing the heartbeat for older 8-bit or 16-bit CPUs.
* **Network Hardware:** Timing for Ethernet controllers and routers.
* **Industrial Control:** Used in PLCs (Programmable Logic Controllers) where through-hole components are preferred for durability against vibration.
- ⤷
What is the exact frequency of your specific MHO+26TAD-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
- ⤷ Are you troubleshooting a circuit where this oscillator has failed?