MHO+26FFG-R
AI

The **MHO+26FFG-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like **Mercury Electronic**. These components are critical for providing stable clock signals in digital circuits.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical characteristics of the MHO+ series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package / Case** | 14-pin DIP (Full size) or 8-pin DIP (Half size) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0V (Standard) or +3.3V |
| **Frequency Stability** | ±25ppm to ±100ppm |
| **Operating Temperature** | -10°C to +70°C (Standard) or -40°C to +85°C |
| **Mounting Type** | Through-Hole |
---
### 2. Part Number Deciphering
While exact nomenclature can vary by manufacturer revisions, the string `MHO+26FFG-R` generally breaks down as follows:
* **MHO+**: The series identifier (Metal Can, High-Output Oscillator). The "+" often indicates RoHS compliance.
* **26**: Often refers to the frequency (e.g., 26.000 MHz) or a specific physical package code.
* **FF**: Typically represents the frequency stability (e.g., ±25ppm).
* **G**: Indicates the operating temperature range or a specific symmetry requirement.
* **-R**: Confirms **RoHS Compliant** (Lead-free).
---
### 3. Key Functions and Applications
This electronic part serves as the "heartbeat" of a circuit. Its primary roles include:
* **Clock Generation**: Providing a steady square wave for Microprocessors (MCUs) and Digital Signal Processors (DSPs).
* **Timing Reference**: Ensuring synchronous data transmission in networking equipment.
* **Frequency Control**: Used in radio communications and industrial automation.
### 4. Typical Internal Block Diagram
```mermaid
graph LR
A[Vcc Power] --> B[Internal Regulator]
C[Quartz Crystal] --> D[Oscillator Circuit]
D --> E[Output Buffer]
E --> F[Output Pin - Square Wave]
G[Enable/Disable] --> E
```
---
- ⤷
What is the exact frequency of the MHO+26FFG-R variant?
- ⤷ Can this oscillator be used in a 3.3V circuit if it is rated for 5V?
- ⤷ What are the pinout differences between the 14-pin and 8-pin versions?