MHO+26FBD-R
AI

The **MHO+26FBD-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like **Mercury Electronic**. These components are critical for providing a stable clock signal in digital circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Active oscillator with internal circuitry. |
| **Package Type** | DIP-14 (Full Size) | Metal can package with 4 active pins. |
| **Frequency** | 26.000 MHz | The standard operating frequency. |
| **Output Logic** | HCMOS/TTL | Compatible with standard digital logic levels. |
| **Supply Voltage** | 5.0V (Typical) | Standard operating voltage for "MHO" series. |
| **Stability** | ±25ppm to ±100ppm | Varies by sub-model, defining frequency drift. |
| **RoHS Status** | -R (Compliant) | Lead-free and environmentally compliant. |
---
### 2. Internal Components & Construction
Unlike a simple 2-pin crystal, the MHO+26FBD-R is an **active device**. It contains:
1. **Quartz Blank:** A precision-cut piece of quartz that vibrates at 26MHz.
2. **Oscillator IC:** An integrated circuit that drives the quartz and squares the output waveform.
3. **Bypass Capacitor:** Internal capacitance to reduce power supply noise.
4. **Metal Housing:** Provides EMI (Electromagnetic Interference) shielding to prevent the clock signal from interfering with other components.
---
### 3. Pin Configuration (DIP-14 Style)
Although the package is the size of a 14-pin Integrated Circuit, only 4 pins are physically present or connected:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable. |
| **7** | GND | Circuit Ground. |
| **8** | Output | The 26MHz square wave signal. |
| **14** | Vcc | +5V Power Supply. |
---
### 4. Typical Applications
This component is used in legacy and industrial systems requiring a high-voltage (5V) stable clock source:
* **Microcontrollers:** Providing the external clock for 8-bit or 16-bit MCUs.
* **Networking Gear:** Timing for Ethernet or serial communication controllers.
* **Industrial Automation:** PLCs and control boards that require robust through-hole components.
* **Radio Equipment:** Used as a reference frequency for synthesizers.
---
- ⤷What is the difference between a passive crystal and an active oscillator like the MHO+26FBD-R?
- ⤷ How do I test if this oscillator is functioning correctly using an oscilloscope?
- ⤷ Are there 3.3V compatible versions of this 26MHz oscillator?