MHO+24TDD-R
AI

The **MHO+24TDD-R** is a specific model within the **MHO+ Series** of high-performance Solid State Relays (SSRs) manufactured by **Carlo Gavazzi**. These components are designed for industrial applications requiring reliable switching of high-power AC loads.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the electronic capabilities of the device:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **MHO** | Series Name | High-power industrial SSR |
| **+** | Generation | Improved thermal and electrical design |
| **24** | Voltage Rating | 240 VAC (Nominal) |
| **TD** | Switching Type | DC-controlled AC Switching |
| **D** | Activation Mode | **Zero-Cross Switching** (Turns on at 0V) |
| **R** | Special Feature | Built-in **VDR (Varistor)** for overvoltage protection |
---
### 2. Core Electronic Specifications
These parts are designed to bridge a low-power control circuit (PLC) with a high-power industrial load.
#### A. Control Input (The "Signal" side)
* **Input Type:** DC Voltage.
* **Control Range:** Typically 4-32 VDC.
* **Response:** Includes an LED indicator to show when the control signal is active.
#### B. Output Stage (The "Load" side)
* **Switching Device:** Uses high-quality **Back-to-back Thyristors** (SCRs). This provides better durability against high $dV/dt$ compared to TRIACs.
* **Zero-Cross Technology:** To reduce electromagnetic interference (EMI) and electrical noise, the relay only closes the circuit when the AC sine wave passes through zero volts.
* **Protection:** The "R" suffix indicates an integrated Varistor (MOV) which clamps voltage spikes, protecting the internal thyristors from transients.
---
### 3. Physical & Thermal Characteristics
Because SSRs generate heat during operation, the electronic design is integrated into a specific housing:
* **Isolation:** High dielectric strength (usually 4000Vrms) between input and output.
* **Thermal Interface:** Requires a heatsink. The baseplate is usually aluminum or copper for efficient heat dissipation.
* **Terminals:** Box clamps or screw terminals designed for heavy-gauge wiring.
---
### 4. Typical Applications
* **Heating Elements:** Precision temperature control in plastic extruders or ovens.
* **Motor Control:** Simple ON/OFF control for pumps or fans (though Zero-Cross is best for resistive loads).
* **Lighting:** Controlling large banks of incandescent or LED lighting in industrial zones.
---
- ⤷What is the difference between Zero-Cross and Peak switching in SSRs?
- ⤷ How do I calculate the required heatsink size for the MHO+24TDD-R?
- ⤷ What are the common failure modes for Carlo Gavazzi MHO series relays?