MHO+24FCG-R
AI

The **MHO+24FCG-R** is a specific type of **Crystal Oscillator** (often referred to as a Clock Oscillator). It is commonly used in digital circuits to provide a stable frequency reference for microprocessors and other logic components.
Below is a breakdown of its technical characteristics and internal parts.
---
### 1. Component Specifications
The part number follows a specific nomenclature that defines its electrical behavior:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Frequency** | 24.000 MHz (indicated by "24") |
| **Package Style** | Half-Size DIP (8-pin compatible footprint, 4 pins used) |
| **Output Type** | CMOS / TTL Compatible |
| **Voltage Supply** | Typically 5.0V (Standard for MHO series) |
| **RoHS Status** | Compliant (indicated by "-R") |
---
### 2. Internal Electronic Construction
An oscillator of this type is not just a raw crystal; it is an integrated circuit module containing several sub-parts:
1. **Quartz Crystal Blank:** A precision-cut sliver of quartz that vibrates at a specific frequency (24MHz) when an electric field is applied (the Piezoelectric effect).
2. **Oscillator IC:** An internal integrated circuit that includes:
* **Inverting Amplifier:** To maintain the oscillation.
* **Feedback Resistors:** To stabilize the loop.
* **Load Capacitors:** To ensure the crystal resonates at the correct frequency.
3. **Buffer Stage:** A final output transistor stage that ensures the 24MHz signal is strong enough to drive multiple digital inputs (fan-out) without distorting the waveform.
4. **Hermetic Metal Can:** The "MHO" designation refers to the metal package which provides EMI (Electromagnetic Interference) shielding and protects the crystal from humidity.
---
### 3. Pinout Configuration
Although it has a rectangular "Half-Size" metal casing, it typically utilizes only four pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-State | Usually No Connect or Enable/Disable control. |
| **4** | GND | Circuit Ground / Case Ground. |
| **5** | Output | The 24MHz Square Wave signal. |
| **8** | Vcc | Positive Power Supply (+5V). |
---
### 4. Applications
The **MHO+24FCG-R** is used in hardware where a steady "heartbeat" is required for timing:
* **Microcontrollers:** Providing the external clock for 8-bit or 16-bit MCUs.
* **Communication Interfaces:** Setting the baud rate for UART or Ethernet controllers.
* **Legacy Computing:** Frequently found on industrial motherboards and timing cards.
- ⤷
What is the difference between a crystal oscillator like this and a standalone 2-pin crystal?
- ⤷ How does the 'Tri-state' function work on Pin 1?
- ⤷ Can this 5V oscillator be used with a 3.3V microcontroller?