công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+24FAAD-R

  • AI
    The **MHO+24FAAD-R** is a specific model of a **Brushless DC (BLDC) Fan**, typically manufactured by companies like **Nidec** or **NMB**. These fans are engineered for high-performance cooling in server racks, industrial power supplies, and telecommunications equipment. --- ### 1. Key Technical Specifications The model string identifies specific electrical and physical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 24V DC | Designed for industrial 24V rails. | | **Motor Type** | Brushless DC (BLDC) | Uses electronic commutation instead of brushes. | | **Bearing Type** | Dual Ball Bearing | Ensures long life (MTTF) and high heat resistance. | | **Connection** | 4-Wire Interface | Supports PWM speed control and Tachometer output. | | **Housing** | Plastic / Aluminum | High-durability frame for high-pressure airflow. | --- ### 2. Internal Electronic Components The "R" suffix and the internal circuitry of this fan consist of several sophisticated electronic stages: #### A. Integrated Drive Circuit (IC) Instead of mechanical brushes, an internal **Hall Effect Sensor** detects the position of the rotor's permanent magnets. This sensor sends a signal to a logic controller that switches the current to the stator coils at the precise millisecond. #### B. PWM Speed Control (Pulse Width Modulation) The 4th wire allows an external controller (like a motherboard or PLC) to send a high-frequency square wave signal. * **0% Duty Cycle:** The fan may stop or run at minimum RPM. * **100% Duty Cycle:** The fan runs at its maximum rated RPM. #### C. Tachometer / Speed Output The 3rd wire (usually yellow or white) provides a **frequency generator (FG)** signal. This allows the system to monitor the fan's health and actual RPM. If the fan stalls, the system can trigger an alarm. #### D. Protection Features The internal PCB usually includes: * **Reverse Polarity Protection:** A diode prevents damage if the +/- wires are flipped. * **Auto-Restart:** If the blades are physically blocked, the IC cuts power to prevent the coils from melting, then periodically attempts to restart. --- ### 3. Wiring Pinout (Standard) Most MHO series fans follow this standard color-coding: | Color | Function | Description | | :--- | :--- | :--- | | **Black** | GND | Ground / Negative terminal. | | **Red** | VCC | +24V Power Input. | | **Yellow/White** | Tach (FG) | Speed signal output (2 pulses per revolution). | | **Blue** | PWM | Input signal for speed control. | --- ### 4. Typical Applications Due to the 24V rating and high static pressure, these parts are commonly found in: * **Network Switches/Routers:** For cooling high-density logic boards. * **3D Printers:** Specifically for high-end industrial units. * **Server Cooling:** High-RPM airflow for rack-mounted hardware.
    ✨ Follow-up Questions
    • ⤷ What are the dimensions (in mm) for the MHO+24FAAD-R model?
    • ⤷ Can this 24V fan be safely operated on a 12V power supply?
    • ⤷ How do I interpret the 'FAAD' portion of the manufacturer part number?