MHO+23TCG-R
AI

The **MHO+23TCG-R** is a high-precision, industrial-grade **Crystal Oscillator** (Clock Oscillator). It is designed to provide a stable frequency reference for electronic circuits, specifically categorized under the MHO series by manufacturers like MtronPTI.
---
## 1. Technical Specifications
The part number follows a specific nomenclature. Here are the typical technical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Frequency Range** | Typically fixed (often in the MHz range) |
| **Supply Voltage** | 3.3V or 5.0V (Standard for TCG series) |
| **Output Type** | CMOS / TTL Compatible |
| **Package Style** | 14-pin DIP (Thru-hole) - Full Size |
| **Stability** | ±100ppm to ±25ppm (depending on suffix) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
## 2. Pin Configuration
Since this is a standard 14-pin DIP package (often with only 4 physical pins present), the layout is as follows:
1. **Pin 1: N/C or Tri-state Control** (Allows the output to be disabled/enabled).
2. **Pin 7: Ground (GND)**.
3. **Pin 8: Output** (The clock signal).
4. **Pin 14: Vcc** (Positive Power Supply).
---
## 3. Key Features
* **Hermetically Sealed:** The metal "can" package protects the quartz crystal from humidity and atmospheric contaminants, ensuring long-term frequency stability.
* **Integrated Design:** Unlike a simple crystal, this "oscillator" includes the quartz blank plus the internal load capacitors and the transistor/IC required to make it vibrate. No external circuitry is needed besides power.
* **Low Jitter:** Designed for timing-critical applications where signal "drift" must be minimized.
---
## 4. Common Applications
* **Embedded Systems:** Providing the master clock for Microcontrollers (MCUs) or FPGAs.
* **Networking:** Synchronizing data transmission in routers and switches.
* **Industrial Controls:** Used in PLC (Programmable Logic Controllers) where temperature fluctuations are common.
* **Legacy Hardware:** The 14-pin DIP format is frequently used in older hardware repairs or robust industrial equipment.
---
- ⤷
What is the exact frequency of the MHO+23TCG-R version you are using?
- ⤷ How does an active crystal oscillator differ from a passive crystal resonator?
- ⤷ What are the power consumption characteristics of the MHO series?