MHO+23FGD-R
AI

The **MHO+23FGD-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like *Hosonic Electronic* or specialized timing component vendors.
Below is a detailed breakdown of the electronic specifications and characteristics of this component.
---
### 1. General Specifications
The "MHO" series generally refers to high-stability, metal-can or ceramic SMD (Surface Mount Device) oscillators. The specific suffix "23FGD-R" encodes information about its frequency, voltage, and tolerance.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO) |
| **Package Type** | 5.0 x 3.2 mm (or 7.0 x 5.0 mm depending on series) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vdd)** | Usually 3.3V or 5.0V |
| **Frequency Stability** | ±25ppm to ±50ppm |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by -R) |
---
### 2. Part Number Breakdown
While manufacturer codes vary slightly, the string usually follows this logic:
* **MHO:** Series identifier (Metal-can or High-Output Oscillator).
* **23:** Often represents the physical dimensions (e.g., 3.2x2.5mm or 5x3.2mm).
* **F:** Frequency stability code (often ±50ppm).
* **G:** Temperature range code (usually Industrial -40 to +85°C).
* **D:** Duty Cycle / Voltage code (e.g., 45/55% duty cycle at 3.3V).
* **-R:** RoHS compliant / Tape & Reel packaging.
---
### 3. Pin Configuration
For standard SMD oscillators in this class, the pinout is typically as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | OE or NC | Output Enable (High = Active) or No Connection |
| **2** | GND | Ground connection |
| **3** | Output | The frequency signal output |
| **4** | Vdd | Power Supply (+) |
---
### 4. Key Application Use Cases
Because this part is an "active" oscillator (it contains the crystal and the oscillation circuit in one package), it is used to provide a steady clock signal to:
* **Microcontrollers (MCUs):** Providing the base heartbeat for processing.
* **Ethernet Controllers:** Timing for data transmission.
* **FPGA/ASIC:** High-speed logic synchronization.
* **Embedded Systems:** Industrial automation controllers.
---
### 5. Circuit Integration Example
To use this part, you generally need a decoupling capacitor (0.1µF) placed as close as possible to the Vdd pin to filter power supply noise.
```c
// Example Connection Schematic Concept:
[Vcc 3.3V] ----+---- [Pin 4: Vdd]
|
[0.1uF Cap]
|
[GND] ---------+---- [Pin 2: GND]
[MCU Clock In] <----- [Pin 3: Output]
```
- ⤷
What is the exact frequency of the MHO+23FGD-R version you are using?
- ⤷ Does your application require a specific voltage level like 1.8V
- ⤷ 2.5V
- ⤷ or 3.3V?
- ⤷ Are you looking for a direct pin-to-pin equivalent from a different manufacturer?