công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+22TGD-R

  • AI
    The **MHO+22TGD-R** is a specific technical designation typically associated with high-frequency electronic components, most commonly **Crystal Oscillators** or specialized **Timing Devices** manufactured by companies like MtronPTI. --- ### 1. General Specifications Based on the part numbering convention for high-precision timing components, the breakdown of its electronic characteristics is as follows: | Feature | Description | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) or VCXO (Voltage Controlled Crystal Oscillator) | | **Package Style** | Metal Dual-In-Line (DIP) - typically 14-pin or 4-pin compatible | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage** | Generally 5.0V or 3.3V (standard for the MHO series) | | **Temperature Range** | Industrial grade (often -40°C to +85°C) | --- ### 2. Electronic Internal Parts Inside the metal casing of an MHO+ series device, the following electronic elements are integrated: 1. **Quartz Crystal Blank:** The "heart" of the component. It is a precision-cut piece of synthetic quartz that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect). 2. **Oscillator IC:** A low-noise CMOS integrated circuit that provides the necessary gain to maintain oscillation and buffers the output signal. 3. **Varactor Diode (if VCXO):** Used to allow frequency tuning via an external control voltage. 4. **Bypass Capacitors:** Internal surface-mount capacitors used to filter noise from the power supply line. 5. **Gold-Plated Headers:** Connect the internal ceramic substrate to the external pins to ensure low resistance and prevent oxidation. --- ### 3. Key Electronic Parameters If you are integrating this into a circuit, pay attention to these electrical limits: * **Frequency Stability:** Usually measured in parts per million (PPM). The "G" or "D" suffixes in the part number often denote specific stability tiers (e.g., ±25ppm or ±50ppm). * **Duty Cycle:** Typically 40/60% or 45/55%, defining the symmetry of the square wave. * **Rise/Fall Time:** The speed at which the electronic signal transitions from Low to High, critical for high-speed digital logic timing. --- ### 4. Circuit Symbol and Connection In a schematic, this part is represented as a four-terminal block: ```text Pin 1: NC or Control Voltage Pin 7: Ground (GND) Pin 8: Output (Clock Signal) Pin 14: Vcc (+5V/3.3V) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the MHO+22TGD-R?
    • ⤷ Can this component be used in high-vibration environments?
    • ⤷ What are the equivalent alternatives for MtronPTI MHO series?