MHO+22TAAD-R
AI

The **MHO+22TAAD-R** is a specific part number belonging to the **MHO Series** of high-stability quartz crystal oscillators manufactured by **MtronPTI**.
These components are primarily used in telecommunications and data processing for precise clocking and timing applications.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the MHO series, here is the breakdown of the electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Fixed frequency timing source. |
| **Package Style** | 14-pin DIP (Full Size) | Through-hole metal canister for superior EMI shielding. |
| **Supply Voltage** | 5.0V DC | Standard operating voltage for TTL/CMOS logic. |
| **Output Logic** | HCMOS / TTL | Compatible with high-speed CMOS and legacy TTL circuits. |
| **Frequency Range** | 1.0 MHz to 155.52 MHz | (The exact frequency is usually stamped on the physical part). |
| **Stability** | ±100 ppm to ±25 ppm | Varies by specific dash suffix; typically high stability. |
| **Operating Temp** | 0°C to +70°C (Standard) | Commercial grade temperature range. |
---
### 2. Component Pinout (Standard 14-pin DIP)
Though the package has 14 pins, usually only 4 pins are electrically connected to the internal circuit:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-state | No connection or Output Enable/Disable. |
| **7** | Case Ground | Connected to the metal housing for noise reduction. |
| **8** | Output | The generated clock frequency signal. |
| **14** | Vcc (+5V) | Power supply input. |
---
### 3. Features and Applications
* **Hermetically Sealed:** The metal package is vacuum-sealed or filled with nitrogen to prevent quartz aging and environmental interference.
* **Low Jitter:** Designed for synchronous data transmission where timing precision is critical.
* **Common Uses:**
* Network Switches and Routers.
* Industrial Control Systems.
* Legacy Computing Motherboards.
* Microprocessor Clocking.
---
### 4. Part Number Decoder
While "MHO+22TAAD-R" is a specific build, the suffix breakdown generally follows this logic:
* **MHO:** Series name (5.0V Full Size DIP).
* **+:** Denotes RoHS compliance (Lead-free).
* **22:** Frequency stability code (often denotes ±50ppm or ±25ppm).
* **T:** Temperature range (Standard Commercial).
* **A:** Duty Cycle (40/60% or 45/55%).
* **-R:** RoHS Compliant / Tape and Reel (if applicable).
- ⤷
What is the specific output frequency of your MHO+22TAAD-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this through-hole part?
- ⤷ How does the Tri-state function on Pin 1 affect the circuit output?