MHO+22FFD-R
AI

The **MHO+22FFD-R** refers to a specific configuration of a high-power electromagnetic relay, typically manufactured by brands like **Songle** or **NCR**. This specific part is widely used in automotive and industrial control systems due to its high current handling capacity.
---
### 1. Component Overview
This component is a **Miniature Power Relay**. It acts as an electrically operated switch that allows a low-power signal to control a much higher-power circuit.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Model Series** | 22F (T73 style / JQC-3FF) |
| **Contact Form** | 1 Form C (SPDT) or 1 Form A (SPST) |
| **Max Switching Current** | 10A to 15A (Load dependent) |
| **Max Switching Voltage** | 250VAC / 30VDC |
| **Coil Voltage** | Usually 12VDC or 24VDC (indicated by suffix) |
| **Mounting Type** | Through-hole PCB |
---
### 2. Breakdown of the Part Number
While naming conventions can vary slightly by manufacturer, the code generally breaks down as follows:
* **MHO / JQC**: Brand or Series prefix.
* **22F**: Refers to the physical dimensions and internal structure (Standard subminiature power relay).
* **FD**: Typically indicates the **Sealed Type** (Wash tight), meaning the plastic casing is protected against solder flux or cleaning agents.
* **-R**: Often indicates **RoHS Compliance** (Restriction of Hazardous Substances), ensuring the part is lead-free.
---
### 3. Internal Construction
The relay consists of four primary electronic/mechanical sections:
1. **The Coil:** A copper wire winding. When energized, it creates a magnetic field.
2. **The Armature:** A moving metal piece attracted by the coil's magnetic field.
3. **The Contacts:** The actual "switch" points. Usually made of Silver Alloy (AgSnO2 or AgCdO) to resist "arcing" and welding under high heat.
4. **The Spring:** Returns the armature to the original position when power is removed from the coil.
---
### 4. Technical Pinout (Bottom View)
Most 22F series relays follow a standard 5-pin layout:
```text
[ Coil ] [ Common ] [ Coil ]
O -------------- O -------------- O
|
|
O ------------- O
[ Normally ] [ Normally ]
[ Open ] [ Closed ]
```
---
### 5. Common Applications
* **Automotive:** Power windows, central locking, and light control.
* **Appliances:** Air conditioners, microwave ovens, and washing machines.
* **Industrial:** PLC output modules and motor control.
- ⤷
What is the specific coil voltage for your MHO+22FFD-R unit?
- ⤷ Are you looking for a pin-compatible replacement for this relay?
- ⤷ Does your circuit require a Normally Open (NO) or a Changeover (SPDT) configuration?