MHO+22FAAD-R
AI

The **MHO+22FAAD-R** is a specific part number primarily associated with **Quartz Crystal Oscillators**, manufactured by companies like MtronPTI. These components are essential in electronic circuits for generating stable clock signals.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | XO (Standard Clock Oscillator) |
| **Output Type** | CMOS / TTL Compatible |
| **Package Style** | 14-pin DIP (DIL) - Often 4 pins connected |
| **Supply Voltage (Vcc)** | Typically 5.0V or 3.3V (Model dependent) |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±100ppm, ±50ppm, or ±25ppm |
| **RoHS Status** | Compliant (indicated by the 'R' suffix) |
---
### 2. Pin Configuration
For a standard 14-pin DIP package oscillator, only four pins are usually functional:
1. **Pin 1 (NC or E/D):** No Connection or Tri-state Enable/Disable.
2. **Pin 7 (GND):** Ground connection.
3. **Pin 8 (Output):** The clock signal output.
4. **Pin 14 (Vcc):** Power supply input.
---
### 3. Part Number Decoder
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
* **MHO:** Series designation (MtronPTI High Output/Standard series).
* **22:** Refers to the stability and voltage configuration (e.g., 5.0V, +/- 50ppm).
* **F:** Frequency stability/Temperature code.
* **AA:** Package type (14-pin DIP footprint).
* **D:** Duty Cycle specification (e.g., 40/60% or 45/55%).
* **-R:** RoHS Compliant (Lead-free).
---
### 4. Common Applications
These oscillators are used in legacy and industrial hardware where timing precision is required:
* **Microprocessor Clocks:** Providing the "heartbeat" for CPUs.
* **Networking Equipment:** Hubs, routers, and switches.
* **Industrial Controllers:** PLC systems and automation hardware.
* **Embedded Systems:** Reliable timing for data conversion and communication.
---
- ⤷
What is the specific frequency of the MHO+22FAAD-R variant you are looking for?
- ⤷ Are you looking for a modern surface-mount (SMD) equivalent for this part?
- ⤷ How does 'Tri-state' functionality work in this specific oscillator series?