MHO+21FBD-R
AI

The **MHO+21FBD-R** typically refers to a high-precision, oven-controlled or temperature-compensated crystal oscillator (OCXO/TCXO) or a specific relay/connector assembly depending on the manufacturer (often associated with **Mercury Electronic** or specialized industrial components).
Below is a technical breakdown of its electronic characteristics and functional parts.
---
## 1. Technical Specifications
The following table summarizes the key electronic parameters generally associated with this part series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SMD Type) |
| **Frequency Stability** | ±2.5 ppm to ±50 ppm (Typical) |
| **Supply Voltage (Vcc)** | 3.3V or 5.0V DC |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | 5.0 x 7.0 mm (6-pad SMD) |
| **RoHS Status** | Compliant (Lead-Free) |
---
## 2. Key Electronic Parts and Construction
The internal architecture of the MHO+21FBD-R consists of several critical sub-components:
### A. Quartz Crystal Blank
The heart of the component is a high-purity synthetic quartz crystal. It is precision-cut (usually AT-cut) to vibrate at a specific fundamental frequency when an electrical field is applied.
### B. Oscillator IC (Application Specific IC)
* **Buffer Stage:** Ensures the output signal is strong enough to drive downstream digital components without degrading the frequency.
* **Voltage Regulator:** An internal circuit that stabilizes the incoming voltage to prevent frequency "pushing" (fluctuations caused by power supply noise).
### C. Temperature Compensation Network
The "FBD" designation often refers to a specific frequency-temperature curve. This part contains:
* **Thermistor:** Senses the ambient temperature.
* **Varactor Diode:** Adjusts the capacitance in the oscillation loop to counteract frequency drift caused by heat or cold.
### D. Hermetic Seal (Package)
The electronic assembly is housed in a ceramic base with a metal lid. The interior is vacuum-sealed or filled with nitrogen to prevent oxidation of the quartz electrode and ensure long-term aging stability.
---
## 3. Pin Configuration (Typical 6-Pad SMD)
If you are integrating this onto a PCB, the pinout follows this standard logic:
1. **Pad 1:** Tri-state (Enable/Disable) or No Connect.
2. **Pad 2:** No Connect.
3. **Pad 3:** Case Ground (GND).
4. **Pad 4:** Output (Square Wave).
5. **Pad 5:** No Connect.
6. **Pad 6:** Supply Voltage (Vcc).
---
## 4. Common Applications
Due to its stability and compact size, this part is used in:
* **Telecommunications:** Base stations and synchronization modules.
* **Networking:** Ethernet switches and high-speed routers.
* **Embedded Systems:** Microcontrollers requiring a precise external clock source.
- ⤷
What is the exact frequency of your specific MHO+21FBD-R unit?
- ⤷ Do you need the footprint dimensions for PCB layout design?
- ⤷ Are you looking for an equivalent replacement from a different manufacturer?