MHO+18TGG-R
AI

The **MHO+18TGG-R** is a specific electronic component typically identified as a high-performance **Crystal Oscillator**. It is manufactured by companies like **Mercury Electronic**, specializing in frequency control products.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical behavior:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Active oscillator with internal circuitry. |
| **Output Type** | CMOS / TTL | Provides a square wave signal compatible with digital logic. |
| **Supply Voltage** | 5.0V (Standard) | Operates on a standard 5V rail. |
| **Package Style** | 14-pin DIP (Full Size) | Through-hole rectangular metal can. |
| **Frequency Range** | Varies | Usually specified at time of order (e.g., 1MHz - 150MHz). |
| **RoHS Status** | Compliant (-R) | Lead-free and environmentally regulated. |
---
### 2. Pin Configuration
For a standard 14-pin DIP package oscillator, only four pins are typically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or E/D | No connection or Tri-state Enable/Disable function. |
| **7** | GND | Circuit ground. |
| **8** | Output | The generated clock signal. |
| **14** | Vdd | Power supply (+5.0V). |
---
### 3. Key Features
* **High Stability:** Designed to maintain a precise frequency over a wide temperature range.
* **Hermetic Sealing:** The metal "can" package is resistance-welded to protect the quartz crystal from moisture and atmospheric contaminants.
* **Low Jitter:** Optimized for timing-sensitive applications in telecommunications and computing.
* **Through-Hole Mounting:** Ideal for robust industrial applications or older PCB designs where surface mount (SMD) is not preferred.
---
### 4. Common Applications
The MHO series is widely used in the following areas:
1. **Microprocessor Clocks:** Providing the heartbeat for CPUs and MCUs.
2. **Industrial Controllers:** Timing for PLCs and automated machinery.
3. **Networking:** Synchronizing data transmission in switches or routers.
4. **Legacy Repairs:** Often found in vintage computing hardware and laboratory equipment.
---
- ⤷
What is the specific frequency of your MHO+18TGG-R unit?
- ⤷ How does the 'Tri-state' function on Pin 1 work for this oscillator?
- ⤷ What are the recommended bypass capacitor values for the Vdd pin?