MHO+18TAAD-R
AI

The **MHO+18TAAD-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like MtronPTI. These components are critical for providing a stable clock signal in electronic circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics. While full datasheets should be consulted for precise tolerances, here are the general specifications for this series:
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | HCMOS/TTL Crystal Oscillator |
| **Package Style** | 14-pin DIP (Full Size) |
| **Frequency Range** | Typically 1.000 MHz to 100.000 MHz |
| **Supply Voltage ($V_{cc}$)** | +5.0 VDC (Standard) |
| **Output Type** | HCMOS/TTL Compatible |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Features and Functions
* **Clock Generation:** It acts as the "heartbeat" for microprocessors, digital signal processors (DSPs), and FPGAs.
* **Stability:** Unlike a simple ceramic resonator, this active oscillator includes internal circuitry to ensure the frequency remains stable against temperature fluctuations and voltage noise.
* **Tri-state Functionality:** The "A" or "T" designations in these series often refer to "Tight stability" or "Tri-state" capability, allowing the output to be disconnected (high impedance) for testing or power saving.
* **DIP Package:** The 14-pin DIP (Dual In-line Package) footprint is a "through-hole" design, making it robust for industrial applications and easy to use in prototyping.
---
### 3. Pin Configuration (Standard 14-pin DIP)
Even though the package has 14 pin locations, typically only 4 pins are electrically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-state | Leave open or use for output enable/disable. |
| **7** | Ground (GND) | Connection to the negative supply rail. |
| **8** | Output | The generated clock signal (Square Wave). |
| **14** | $V_{cc}$ | Positive supply voltage (+5V). |
---
### 4. Applications
* **Industrial Control Systems:** Used in PLCs and automation hardware due to its temperature stability.
* **Telecommunications:** Providing timing for data transmission equipment.
* **Embedded Systems:** General purpose timing for 8-bit or 16-bit legacy microcontrollers.
- ⤷
What is the exact output frequency of the MHO+18TAAD-R variant you are looking at?
- ⤷ How does an active crystal oscillator differ from a passive quartz crystal?
- ⤷ What are the common alternatives for the 14-pin DIP oscillator package?