MHO+17TBD-R
AI

The **MHO+17TBD-R** is a high-precision, oven-controlled crystal oscillator (OCXO) manufactured by **MtronPTI**. It belongs to the MHO series, which is specifically designed for high-reliability applications requiring extreme frequency stability over temperature variations.
---
### 1. Component Overview
The device is an **OCXO (Oven Controlled Crystal Oscillator)**. Unlike standard oscillators, it contains an internal heating element and a control circuit that maintains the quartz crystal at a constant, specific temperature (the "turnover point"). This minimizes frequency drift caused by external temperature changes.
### 2. Technical Specifications
Below are the typical technical parameters for the MHO series (specifically the 17TBD-R variant):
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Package Type** | Thru-hole (DIP) 4-pin or 14-pin equivalent |
| **Output Type** | CMOS / TTL |
| **Supply Voltage ($V_{cc}$)** | +5.0 VDC (Standard) |
| **Frequency Stability** | $\pm 0.1$ ppm to $\pm 0.7$ ppm |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
| **Warm-up Power** | ~2.0 Watts |
| **Steady State Power** | ~0.8 Watts |
| **RoHS Compliance** | Yes (-R suffix indicates RoHS compliant) |
---
### 3. Key Features
* **High Stability:** Offers significantly better stability than TCXOs (Temperature Compensated Crystal Oscillators).
* **Low Phase Noise:** Designed to provide a very clean signal, which is critical for high-speed data transmission and RF applications.
* **Aging Rate:** Very low long-term aging (usually measured in ppb/day).
* **Standard Footprint:** Often follows the "Half-size DIP" or "Full-size DIP" industry standard for easy PCB integration.
### 4. Part Number Breakdown (Nomenclature)
* **MHO:** MtronPTI High-Stability OCXO Series.
* **17:** Specific package size/configuration (typically a 14-pin DIP footprint).
* **T:** Temperature Stability code.
* **B:** Operating Temperature Range code.
* **D:** Voltage Supply code (usually 5.0V).
* **-R:** RoHS Compliant (Lead-Free).
---
### 5. Common Applications
Due to its precision, the MHO+17TBD-R is commonly found in:
* **Telecommunications:** Base stations, small cells, and synchronization modules.
* **Test and Measurement:** Frequency counters and signal generators.
* **Navigation:** GPS disciplined clocks and aerospace instrumentation.
* **Networking:** Synchronous Ethernet (SyncE) and IEEE 1588 timing.
- ⤷
What is the difference in power consumption between an OCXO like this and a standard TCXO?
- ⤷ How does the 'warm-up time' affect the system initialization for this component?
- ⤷ Can this part be used in space-grade or high-radiation environments?