AI

The **MHO+17FFD-R** refers to a high-quality series of **Subminiature Power Relays**, commonly manufactured by brands like **NCR** or **Forward**. These are electromagnetic switches designed to control high-power loads using a low-power signal.
---
### 1. Key Technical Specifications
The following table outlines the typical electrical and mechanical characteristics of the 17FFD series:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | 1A (SPST), 1B (SPST-NC), or 1C (SPDT) |
| **Contact Rating** | 10A to 15A @ 125VAC / 7A to 10A @ 250VAC |
| **Coil Voltage (DC)** | 3V, 5V, 6V, 9V, 12V, 24V, 48V |
| **Coil Power Consumption** | Approx. 0.36W to 0.45W |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | 100MΩ (at 500VDC) |
| **Dielectric Strength** | 1500VAC (between coil and contacts) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Internal Components and Functionality
The device consists of several critical electronic and mechanical parts:
* **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when DC current flows through it.
* **Armature:** A moving lever attracted by the magnetic field of the coil.
* **Contacts (Silver Alloy):** Usually made of $AgSnO_2$ or $AgCdO$ to resist arcing and welding under high current loads.
* **Yoke and Core:** Provide the magnetic path for the flux generated by the coil.
* **Return Spring:** Ensures the contacts return to their default state (Normally Closed or Open) once power is removed from the coil.
---
### 3. Part Number Breakdown (Nomenclature)
While codes can vary slightly by manufacturer, the "17FFD" usually follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **MHO** | Manufacturer/Series Branding (e.g., NCR) |
| **17FFD** | Model series (Dimensions: ~19 x 15 x 15 mm) |
| **12 (Optional)** | Coil Voltage (e.g., 12VDC) |
| **-1H / -1Z** | Contact Form (H = Form A, Z = Form C) |
| **-R** | RoHS Compliance (Lead-free) |
---
### 4. Common Applications
Due to its small footprint and high switching capacity, it is frequently used in:
1. **Home Appliances:** Microwave ovens, air conditioners, and washing machines.
2. **Automotive Electronics:** Power windows and central locking systems.
3. **Industrial Controls:** PLC outputs and motor control circuits.
4. **Office Automation:** Printers and copiers.
---
- ⤷What is the difference between the 1A and 1C contact forms for this relay?
- ⤷ How do I calculate the flyback diode needed for the MHO+17FFD-R coil?
- ⤷ Is the MHO+17FFD-R compatible with breadboard prototyping?