công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO+17FDG-R

  • AI
    The **MHO+17FDG-R** is a specific model within a series of high-power, metal-clad wirewound resistors. These components are designed for industrial applications requiring high power dissipation, stability, and durability in harsh environments. --- ## 1. Technical Specifications The following table summarizes the primary electronic characteristics of the MHO series, specifically focusing on the 17FDG-R configuration. | Feature | Specification | | :--- | :--- | | **Power Rating** | Typically 10W - 50W (depending on mounting) | | **Resistance Tolerance** | ±1%, ±5%, or ±10% | | **Housing Material** | Anodized Aluminum (Metal Clad) | | **Construction** | Wirewound on Ceramic Core | | **Termination Style** | Radial Leads / Solder Lugs (FDG Design) | | **RoHS Compliant** | Yes (-R suffix) | --- ## 2. Breakdown of the Model Code The nomenclature used in electronic components provides specific data about the part's build: * **MHO:** Identifies the series (Metal-clad High-power Oxide/Wirewound). * **17:** Refers to the physical size or wattage classification. * **FDG:** Indicates the terminal type and lead configuration (often signifying radial or fast-on type connectors). * **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. --- ## 3. Key Electronic Components & Materials The internal architecture of the MHO+17FDG-R is engineered for heat management: ### Internal Core The resistive element consists of a **Nicrome (Nickel-Chromium) wire** wound around a high-purity ceramic core. This allows for high precision and stability under high temperatures. ### Encapsulation The internal assembly is encapsulated in a high-thermal-conductivity molding compound, then encased in an **Anodized Aluminum housing**. The gold or silver fins on the housing act as a heat sink to dissipate thermal energy into the air or a chassis. ### Lead Configuration The **FDG** designation usually implies specialized terminals. Unlike standard axial leads, these are designed to handle higher current loads without overheating the solder joints. --- ## 4. Typical Applications These resistors are not found in consumer smartphones; they are used in "heavy-duty" electronics: 1. **Motor Control:** Used for dynamic braking and current sensing. 2. **Power Supplies:** Acts as a "bleeder" resistor to discharge large capacitors safely. 3. **LED Lighting:** Used as a load resistor to prevent hyper-flashing in automotive LED conversions. 4. **Industrial Machinery:** Used in heating elements or voltage dividers in high-voltage circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the MHO series resistors?
    • ⤷ How does chassis mounting affect the power rating of the 17FDG-R?
    • ⤷ Can this resistor be used in high-frequency pulse applications?