MHO+17FDD-R
AI

The **MHO+17FDD-R** is a high-performance **Crystal Oscillator** (specifically a Clock Oscillator) manufactured by MtronPTI. These components are critical in electronic circuits for providing a precise and stable frequency reference (clock signal).
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by MtronPTI. Below are the primary electronic characteristics of this series:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage ($V_{DD}$)** | +5.0 VDC (Standard) |
| **Package Style** | 14-pin DIP (Full Size) - 4 pins used |
| **Frequency Range** | 1.000 MHz to 100.000 MHz |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Stability** | ±100 ppm (Standard for the "F" suffix) |
| **Symmetry/Duty Cycle** | 40/60% to 50/50% |
---
## 2. Key Electronic Features
The MHO+ series is designed with several internal electronic protections and functional stages:
### A. Frequency Generation
It utilizes a high-quality quartz crystal resonator integrated with an oscillation circuit. The "F" in the part number typically denotes the **Frequency Stability** rating, ensuring the clock pulse remains accurate across temperature fluctuations.
### B. Output Drive (HCMOS/TTL)
The output is designed to drive multiple logic gates. It provides a rail-to-rail square wave, making it compatible with both older TTL logic and modern HCMOS microcontrollers and FPGAs.
### C. Tri-state Functionality
The "D" in the suffix usually refers to the **Tristate (Enable/Disable)** function.
- When Pin 1 is High (or floating), the oscillator outputs the frequency.
- When Pin 1 is Low, the output goes into a high-impedance state, allowing for power saving or bus-sharing.
---
## 3. Pin Configuration (14-Pin DIP)
Despite the large "14-pin" footprint, only 4 pins are electrically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable Control (Tri-state) |
| **7** | Case Ground | Connected to the metal header for shielding |
| **8** | Output | The Clock Signal output |
| **14** | $+V_{DD}$ | Power Supply Input (+5V) |
---
## 4. Typical Applications
Due to its robust DIP packaging and industrial temperature rating, this part is commonly found in:
1. **Legacy Industrial Control Systems:** Replacing older clock generators.
2. **Telecommunications:** Providing timing for data transmission.
3. **Embedded Systems:** Serving as the master clock for CPUs or Microprocessors.
4. **Test & Measurement Equipment:** Where a stable 5V signal is required.
- ⤷
What are the specific differences between the MHO and MHE series from MtronPTI?
- ⤷ How does the 'R' suffix affect the RoHS compliance or packaging of this part?
- ⤷ What is the typical rise and fall time for the HCMOS output of this oscillator?