MHO+17FAAD-R
AI

The **MHO+17FAAD-R** refers to a high-precision, high-frequency **Crystal Oscillator (XO)** typically manufactured by **MtronPTI**. These components are critical in telecommunications and data processing for providing stable clock signals.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Crystal Oscillator (XO) | Fixed frequency timing source. |
| **Output Type** | HCMOS / TTL | High-speed CMOS compatibility. |
| **Supply Voltage** | 5.0V (Standard) | The operating voltage for the internal circuitry. |
| **Package Style** | 14-pin DIP (Half-size) | A metal "can" package for through-hole mounting. |
| **Stability** | ±100 ppm to ±25 ppm | Frequency deviation over temperature (varies by sub-grade). |
| **RoHS Status** | Compliant (-R suffix) | Lead-free and environmentally regulated. |
---
### 2. Functional Components
An oscillator of this series consists of three primary internal electronic sections:
1. **Quartz Crystal Blank:** The mechanical resonator that vibrates at a specific frequency when an electrical field is applied (Piezoelectric effect).
2. **Oscillator IC:** An integrated circuit that maintains the oscillation and buffers the output signal.
3. **Compensation Network:** Passive components (resistors/capacitors) that ensure the signal remains stable despite fluctuations in temperature or load.
---
### 3. Pin Configuration (Typical 4-Pin Layout)
Even though it uses a "14-pin DIP" footprint, usually only 4 pins are functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | No connection or Output Enable/Disable. |
| **Pin 7** | Ground (GND) | Case ground and circuit common. |
| **Pin 8** | Output | The generated clock signal (Square wave). |
| **Pin 14** | Vcc | Positive supply voltage (+5V). |
---
### 4. Applications
The MHO series is designed for industrial-grade reliability:
* **Networking:** Synchronizing data packets in routers and switches.
* **Embedded Systems:** Providing the master clock for microcontrollers and DSPs.
* **Legacy Hardware:** Often used in industrial controllers requiring 5V logic levels.
---
- ⤷
What is the exact frequency of this specific oscillator model?
- ⤷ How does the 'Tri-state' function work in this component?
- ⤷ What are the common alternatives if this part is obsolete?