MHO+16FGD-R
AI

The **MHO+16FGD-R** is a specific model within the **MHO+ series** of industrial-grade microcomputers (Mini PCs), often utilized in edge computing, digital signage, and specialized workstation environments.
Below is a breakdown of its core electronic components and technical specifications.
---
### 1. Core Processor & Architecture
The "16FGD" designation typically refers to the integration of high-performance mobile or embedded processors.
| Component | Specification |
| :--- | :--- |
| **CPU Options** | Usually features AMD Ryzen 7 or 9 (e.g., 5000/6000 series) or Intel Core i7/i9 equivalent. |
| **Graphics (GPU)** | Integrated Radeon Graphics or Iris Xe, supporting 4K/8K hardware decoding. |
| **Thermal Design** | Active cooling with copper heat pipes and a high-RPM silent fan to prevent thermal throttling. |
### 2. Memory and Storage Interfaces
The internal PCB (Printed Circuit Board) is designed for expandability and high-speed data throughput.
* **RAM (Memory):** Dual-channel DDR4 or DDR5 SODIMM slots, typically supporting up to 64GB.
* **SSD (Storage):**
* 1x M.2 2280 PCIe NVMe (Gen 4x4 or Gen 3x4).
* Some variants include a secondary SATA III interface for 2.5-inch SSDs/HDDs.
### 3. Connectivity and I/O Layout
The electronic layout emphasizes high-bandwidth ports for professional peripherals.
| Port Type | Functionality |
| :--- | :--- |
| **Video Output** | Dual HDMI 2.0/2.1 and DisplayPort (DP) for multi-monitor setups. |
| **USB Interface** | USB 3.2 Gen2 (10Gbps) and often a Type-C port with Power Delivery (PD) support. |
| **Networking** | Dual 2.5GbE RJ45 Ethernet ports (Intel or Realtek controllers) for network redundancy. |
| **Wireless** | M.2 WiFi 6E card slot with Bluetooth 5.2 integration. |
### 4. Power Management
The unit operates on a DC-in power system, requiring a high-wattage external adapter to stabilize the high-performance CPU.
* **Input Voltage:** 12V - 19V DC.
* **Power Delivery:** Internal VRMs (Voltage Regulator Modules) handle the step-down conversion to power the CPU cores, RAM, and PCIe lanes separately to ensure stability under load.
---
### Key Applications
* **Edge Computing:** Handling IoT data processing locally.
* **Creative Work:** Photo/Video editing thanks to the high thread count.
* **Virtualization:** Running multiple VMs due to large RAM capacity.
- ⤷
What is the maximum TDP (Thermal Design Power) supported by the MHO+16FGD-R?
- ⤷ Does this model support ECC (Error Correction Code) memory?
- ⤷ What are the specific physical dimensions of the chassis?