MHO+15FCG-R
AI

The **MHO+15FCG-R** is a specific part number typically associated with **MHO (Metal House-type Oscillators)**. It represents a high-stability, high-frequency crystal oscillator manufactured by companies like **MtronPTI**. These components are critical for timing and frequency control in telecommunications and industrial electronics.
---
### 1. Technical Specifications Breakdown
The part number follows a specific nomenclature that defines its electrical and physical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Crystal Oscillator (XO) | A complete oscillator circuit including the crystal and drive circuitry. |
| **Package Style** | 14-Pin DIP (Half-Size) | Though it uses a DIP footprint, it often only utilizes 4 pins. |
| **Voltage Supply** | +5.0V DC | Standard TTL/CMOS logic supply voltage. |
| **Output Type** | HCMOS/TTL | Compatible with both high-speed CMOS and standard TTL logic gates. |
| **Frequency Stability** | ±100 ppm (Typical) | The "15" or "G" codes often denote stability over temperature. |
| **RoHS Status** | Compliant (-R) | The suffix "-R" indicates lead-free, RoHS compliance. |
---
### 2. Physical Layout and Pinout
These oscillators are housed in a hermetically sealed metal "can," which provides excellent EMI (Electromagnetic Interference) shielding.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-State | Often used for output enable/disable or left unconnected. |
| **Pin 7** | GND | Circuit ground and case ground. |
| **Pin 8** | Output | The generated clock signal (square wave). |
| **Pin 14** | Vcc | Positive power supply (+5V). |
---
### 3. Key Applications
The MHO series is designed for reliability in "always-on" environments. Common use cases include:
* **Networking Equipment:** Hubs, switches, and routers requiring a stable reference clock.
* **Industrial Controllers:** PLC (Programmable Logic Controllers) and embedded systems.
* **Legacy Computing:** Replacement parts for older motherboards or timing cards that use 5V logic.
* **Test & Measurement:** Oscilloscopes and signal generators.
---
### 4. Implementation Example (Basic Hookup)
To use this component in a circuit, a decoupling capacitor is recommended to minimize power supply noise.
```cpp
// Logic representation of an Oscillator Output in an MCU
void setup() {
pinMode(CLOCK_INPUT_PIN, INPUT); // Signal from Pin 8 of MHO+15FCG-R
}
/*
Note: The oscillator is self-contained.
Unlike a crystal, it does not require external load capacitors.
Simply apply 5V and GND to start the signal.
*/
```
- ⤷
What is the exact frequency of the MHO+15FCG-R variant you are looking for?
- ⤷ How does an active oscillator differ from a passive quartz crystal in a circuit?
- ⤷ Are there modern SMD (Surface Mount) equivalents if the DIP package is too large for your design?