MHO+15FAD-R
AI

The **MHO+15FAD-R** is a specific series of **Crystal Clock Oscillators** typically manufactured by companies like MtronPTI. These components are essential in digital electronics for providing a precise and stable timing signal (clock pulse).
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Key Technical Specifications
| Parameter | Specification Detail |
| :--- | :--- |
| **Component Type** | Crystal Clock Oscillator (XO) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - often "Half Size" or "Full Size" |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | Typically 5.0V DC (Standard for the MHO series) |
| **Frequency Range** | Usually ranges from 1.000 MHz to 100.000 MHz |
| **Stability** | ±100ppm (standard), with options for ±50ppm or ±25ppm |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
---
### 2. Functional Breakdown
#### **The "MHO" Series Meaning**
The "MHO" prefix identifies the physical package and the logic family. It indicates a metal-can package designed for through-hole mounting on a PCB. These are known for their durability and EMI (Electromagnetic Interference) shielding properties.
#### **Pin Configuration**
Though it looks like a 14-pin integrated circuit, it usually only utilizes 4 functional pins:
* **Pin 1:** NC (No Connection) or Tri-state Enable/Disable.
* **Pin 7:** Ground (Case).
* **Pin 8:** Output (The actual clock signal).
* **Pin 14:** Vcc (+5V Power Supply).
#### **The "R" Suffix**
In electronic component nomenclature, the **-R** usually signifies **RoHS Compliance**. This means the part is manufactured without hazardous substances like lead, making it suitable for modern environmental standards.
---
### 3. Common Applications
Because of its high stability and 5V operation, this part is frequently found in:
1. **Legacy Computing:** Providing the master clock for microprocessors and microcontrollers.
2. **Industrial Controllers:** Timing for PLCs and automated machinery.
3. **Networking Equipment:** Synchronizing data transmission in older hubs and switches.
4. **Test Equipment:** Oscilloscopes and signal generators.
---
### 4. Circuit Symbol and Connection
```mermaid
graph LR
VCC(5V Power) --> Pin14
GND(Ground) --> Pin7
Output(Pin 8) --> CPU_Clock_In
```
---
- ⤷What are the specific frequency options available for the MHO+15FAD-R series?
- ⤷ How does the 'Tri-state' function on Pin 1 work for this oscillator?
- ⤷ What is the physical size difference between a Full-size and Half-size DIP oscillator?