MHO+15FAAD-R
AI

The **MHO+15FAAD-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like MtronPTI. These components are used to generate precise clock signals in electronic circuits.
Below is a breakdown of the technical specifications and characteristics typically associated with this series.
---
### 1. General Specifications
The "MHO" series generally refers to a standard 14-pin DIP (Dual In-line Package) or 8-pin DIP compatible layout.
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | Fixed Output Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Hole-through) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage** | +5.0 VDC (Common for the '1' or '5' designation) |
| **Operating Temperature** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) |
| **Frequency Stability** | Usually ±25ppm, ±50ppm, or ±100ppm |
---
### 2. Part Number Decoder (MHO+15FAAD-R)
While naming conventions can vary slightly by manufacturer, the suffix codes generally represent the following:
* **MHO:** Series prefix (Metal Thru-Hole Oscillator).
* **+:** Often indicates RoHS compliance (Lead-free).
* **15:** Usually indicates the supply voltage (e.g., 5.0V) or a specific frequency stability tier.
* **F:** Frequency stability code (often ±100ppm or ±50ppm depending on the datasheet).
* **AA:** Temperature range and duty cycle code.
* **D:** Pin 1 configuration (e.g., Tri-state Enable/Disable function).
* **-R:** RoHS Compliant.
---
### 3. Pinout Configuration
For a standard 14-pin DIP oscillator, only four pins are typically functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or E/D | No Connection or Output Enable/Disable (Tri-state) |
| **7** | GND | Ground / Case Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | Positive Supply Voltage (+5.0V) |
---
### 4. Applications
These oscillators are "plug-and-play" timing solutions used in:
* **Microprocessors:** Providing the base clock for CPUs.
* **Networking:** Synchronizing data transmission in routers and switches.
* **Industrial Control:** Timing for PLCs and embedded controllers.
* **Legacy Hardware:** Maintenance and repair of older electronic systems using through-hole technology.
---
- ⤷
What is the specific frequency of the MHO+15FAAD-R in your application?
- ⤷ Do you need a datasheet comparison for an equivalent Surface Mount (SMD) part?
- ⤷ Are you troubleshooting a clock signal issue in an existing circuit?