MHO+14TFD-R
AI

The **MHO+14TFD-R** is a specific series of high-precision crystal oscillators, typically manufactured by companies like **MtronPTI**. These components are categorized as **TCXOs** (Temperature Compensated Crystal Oscillators) or high-stability clock oscillators used in telecommunications and industrial timing.
---
### 1. Component Identification & Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Crystal Oscillator | Provides a stable clock frequency. |
| **Package** | 14-pin DIP | Through-hole rectangular metal package. |
| **Stability** | Temperature Compensated | Minimal frequency drift across temperature ranges. |
| **Output Type** | CMOS/TTL | Compatible with standard digital logic levels. |
| **Voltage** | Typically 5.0V or 3.3V | Standard supply voltage for active oscillators. |
### 2. Key Electronic Features
* **Temperature Compensation:** Unlike standard crystals, the "T" in the series often signifies temperature compensation circuitry, ensuring the frequency remains stable even as the device heats up.
* **Hermetic Sealing:** The metal "14-pin DIP" housing is hermetically sealed to protect the quartz crystal from humidity and atmospheric pressure changes.
* **Low Jitter:** These parts are engineered for low phase noise, which is critical for high-speed data transmission.
* **RoHS Compliant:** The "-R" suffix indicates that the part is Lead-Free and compliant with environmental regulations.
### 3. Pin Configuration (Typical 14-pin DIP)
While it uses a 14-pin footprint, usually only 4 pins are electrically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | Often used for Output Enable or left unconnected. |
| **Pin 7** | Ground | Circuit common / Case Ground. |
| **Pin 8** | Output | The generated square wave frequency. |
| **Pin 14** | Vcc | Positive supply voltage. |
### 4. Common Applications
Due to its high stability and through-hole design, the MHO+14TFD-R is commonly found in:
1. **Legacy Networking Gear:** Base stations and older routers.
2. **Test & Measurement:** Oscilloscopes and frequency counters.
3. **Industrial Controllers:** Timing for PLC (Programmable Logic Controllers).
4. **Radio Communication:** Maintaining stable carrier frequencies.
---
- ⤷
What is the specific frequency range available for the MHO+14TFD-R series?
- ⤷ How does a TCXO differ from a standard XO in terms of parts count?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole part?