MHO+14FCG-R
AI

The **MHO+14FCG-R** is a specific type of **Crystal Oscillator** (often categorized under Frequency Control products). It is a high-precision electronic component used to generate a stable clock signal for digital circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers like **MtronPTI**. Below are the typical characteristics of this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Crystal Clock Oscillator (XO) |
| **Package / Case** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | +5.0 VDC (Standard) |
| **Stability** | Usually ±100ppm, ±50ppm, or ±25ppm (depending on sub-grade) |
| **Termination** | Through-hole |
| **RoHS Status** | "R" suffix indicates RoHS Compliant |
---
### 2. Breakdown of the Part Number
To understand the electronic properties, we can decode the identifier:
* **MHO:** Identifies the product series (MtronPTI High-Output/Standard Oscillator).
* **+:** Often indicates a specific lead-free or enhanced process designation.
* **14:** Refers to the **14-pin DIP footprint**. Note: In these oscillators, usually only 4 pins are physically present (Pins 1, 7, 8, and 14).
* **F:** Often represents the frequency stability or temperature range (check datasheet for specific PPM).
* **C:** Typically indicates the symmetry/duty cycle (e.g., 40/60%).
* **G:** Usually refers to the operating temperature range (e.g., 0°C to +70°C).
* **-R:** Confirms the part is **RoHS Compliant**.
---
### 3. Pinout Configuration
Even though it is called a "14-pin" package, it typically utilizes a 4-pin active layout to save space while fitting standard 14-pin sockets:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The generated Square Wave frequency |
| **Pin 14** | $V_{cc}$ | Positive Power Supply (+5V) |
---
### 4. Key Applications
* **Legacy Computing:** Used in older motherboard designs or industrial controllers.
* **Digital Signal Processing:** Providing the "heartbeat" for microprocessors.
* **Networking Gear:** Timing for data transmission in routers and switches.
* **Test & Measurement:** Providing stable references for frequency counters.
- ⤷
What is the specific frequency of the MHO+14FCG-R you are looking for?
- ⤷ How does a 14-pin DIP package compare to modern SMD oscillators?
- ⤷ What is the difference between HCMOS and TTL output levels in this component?