MHO+14FBD-R
AI

The **MHO+14FBD-R** is a specific series of **Crystal Oscillators** (XO) manufactured by **MtronPTI**. These components are precision timing devices used to provide a stable clock signal for electronic circuits.
---
### 1. Part Number Breakdown
The part number follows a specific nomenclature used by MtronPTI to define the technical characteristics of the component:
| Segment | Meaning | Specification for this Part |
| :--- | :--- | :--- |
| **MHO** | Series Name | MHO Series (Through-hole HC/49U or 14-pin DIP style) |
| **+** | RoHS Compliance | Lead-free / RoHS Compliant |
| **14** | Package Type | 14-pin DIP (Full size) footprint |
| **F** | Voltage Support | Typically 5.0V DC Operation |
| **B** | Stability | Frequency stability (e.g., ±50 ppm or ±100 ppm depending on sub-datasheet) |
| **D** | Duty Cycle | Tight symmetry (45/55%) |
| **-R** | Packaging | Refers to RoHS compliance or specific revision |
---
### 2. Technical Specifications
These oscillators are known for their reliability in legacy and industrial systems.
* **Output Type:** TTL / CMOS Compatible.
* **Package Shape:** 14-Pin DIP (rectangular metal can). Though it has 14 pins in its footprint, usually only 4 pins are actually present (Pins 1, 7, 8, and 14).
* **Frequency Range:** Available in various frequencies (the specific MHz value is usually printed after the part number).
* **Operating Temperature:** Generally 0°C to +70°C (standard) or -40°C to +85°C (industrial).
* **Supply Voltage:** 5.0 VDC ± 10%.
---
### 3. Pinout Configuration
For a standard 14-pin DIP Crystal Oscillator like the MHO+14 series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground/Case Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | +5.0V Power Supply |
---
### 4. Common Applications
* **Microprocessors:** Providing the base clock for CPUs.
* **Embedded Systems:** Timing for microcontrollers and FPGAs.
* **Telecommunications:** Synchronizing data transmission.
* **Industrial Equipment:** Reliable timing in harsh electrical environments.
---
- ⤷
What is the specific frequency of your MHO+14FBD-R unit?
- ⤷ How does a 14-pin DIP oscillator compare to modern SMD oscillators?
- ⤷ What is the difference between the 'F' and 'G' voltage codes in MtronPTI parts?