MHO+13TFD-R
AI

## MHO+13TFD-R: Technical Overview
The **MHO+13TFD-R** is a specific series of **Crystal Oscillators** typically manufactured by companies like **MtronPTI**. These components are precision frequency control devices used to provide a stable clock signal for electronic circuits.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the MHO series, here are the primary electrical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Full Size) or 8-pin DIP (Half Size) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | Typically 5.0V (Standard for "+" series) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Stability** | ±100ppm, ±50ppm, or ±25ppm (depending on sub-coding) |
| **Frequency Range** | Typically 1.000 MHz to 150.000 MHz |
---
### 2. Breakdown of the Part Number
The alphanumeric string defines the specific "build" of the oscillator:
* **MHO**: Indicates the product series (Metal package, Thru-hole Oscillator).
* **+**: Usually denotes a specific supply voltage (5.0V) and RoHS compliance.
* **13**: Refers to the **Stability** and **Temperature Range**. "13" often signifies ±100ppm stability over the industrial temperature range (-40°C to +85°C).
* **T**: Indicates the output load type (e.g., TTL/CMOS compatible).
* **FD**: Defines the **Duty Cycle** (typically 40/60% or 45/55%).
* **-R**: Denotes **RoHS Compliance** (Lead-free).
---
### 3. Physical Construction
The device is housed in a **hermetically sealed metal package**. This design offers several advantages:
1. **EMI Shielding:** The metal casing reduces electromagnetic interference.
2. **Environmental Protection:** Protects the internal quartz crystal from moisture and atmospheric pressure changes.
3. **Durability:** High resistance to mechanical shock and vibration.
---
### 4. Common Applications
These oscillators are generally found in legacy industrial equipment and high-reliability systems:
* **Networking Gear:** Hubs, routers, and switches.
* **Industrial Control:** Programmable Logic Controllers (PLCs).
* **Data Communications:** Modems and signal processing units.
* **Embedded Systems:** Providing master clocks for microprocessors.
---
### 5. Circuit Connection Diagram
In a standard 14-pin DIP package, only 4 pins are usually active:
```text
Pin 1: NC (No Connection) or Tri-state Enable
Pin 7: Case Ground
Pin 8: Output (Frequency Signal)
Pin 14: +5.0V DC (Supply)
```
- ⤷
What are the modern SMT equivalents for this through-hole oscillator?
- ⤷ How does the 'Tri-state' function work on Pin 1 of this device?
- ⤷ What is the difference between the MHO and MHE series from MtronPTI?