MHO+13FBD-R
AI

The **MHO+13FBD-R** is a high-precision, industrial-grade **Quartz Crystal Oscillator** manufactured by MtronPTI. It is part of the MHO+ series, which is known for providing reliable clock signals in a through-hole package.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics for the MHO+13FBD-R:
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 13.000 MHz (typically) |
| **Package Type** | 14-pin DIP (Full Size) |
| **Supply Voltage (Vcc)** | 5.0V DC ± 10% |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Stability** | ±25 ppm to ±100 ppm (varies by variant) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Duty Cycle** | 40/60% to 45/55% |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific features of the component:
* **MHO:** Identifies the Series (Mtron Full-Size High Output Oscillator).
* **+:** Indicates a specific internal design revision or lead-free process.
* **13:** Typically represents the supply voltage or frequency coding (In this series, '1' often denotes 5.0V).
* **F:** Frequency stability code (e.g., F = ±100ppm).
* **B:** Operating temperature range (B = -40°C to +85°C).
* **D:** Symmetry/Duty Cycle code.
* **-R:** RoHS Compliant (Lead-free).
---
### 3. Pin Configuration
Since this is a standard 14-pin DIP package, only four pins are typically functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No Connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal (13.000 MHz) |
| **14** | Vcc | Power Supply (+5.0V) |
---
### 4. Common Applications
Due to its robust through-hole design and 5V compatibility, it is frequently used in:
* **Legacy Computing:** Motherboards and industrial controllers.
* **Telecommunications:** Timing synchronization in networking gear.
* **Embedded Systems:** Microcontroller clocking where SMD parts are not preferred.
* **Test Equipment:** Signal generators and measurement devices.
---
- ⤷
What is the difference between HCMOS and TTL output levels for this oscillator?
- ⤷ Can this 5V oscillator be used in a 3.3V circuit with a level shifter?
- ⤷ How does frequency stability (ppm) affect the performance of a timing circuit?