MHO+12FBD-R
AI

The **MHO+12FBD-R** is a specific series within the **MHO+** line of high-performance, ultra-low phase noise Oven Controlled Crystal Oscillators (OCXOs) manufactured by **Mercury Electronic**.
Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Component Identification
The part number can be decoded as follows:
| Part Segment | Meaning |
| :--- | :--- |
| **MHO+** | Series name (High-precision Oven Controlled Crystal Oscillator) |
| **12** | Package size (Standard 20.2 x 20.2 mm or 25.4 x 25.4 mm variant) |
| **F** | Output Logic Type (typically CMOS or HCMOS) |
| **B** | Supply Voltage (usually 3.3V or 5.0V depending on sub-revision) |
| **D** | Operating Temperature Range (often -40°C to +85°C) |
| **R** | RoHS Compliant / Tape & Reel packaging |
---
### 2. Core Electronic Specifications
The MHO+ series is designed for telecommunications and precision instrumentation.
| Feature | Specification |
| :--- | :--- |
| **Frequency Range** | Typically 10 MHz to 100 MHz |
| **Frequency Stability** | ±5 ppb to ±50 ppb (Parts per billion) |
| **Supply Voltage** | 3.3V or 5.0V DC |
| **Power Consumption** | ~2.5W during warm-up; <1.0W at steady state |
| **Phase Noise** | Extremely low (e.g., -155 dBc/Hz at 10 kHz offset) |
| **Output Waveform** | Square wave (HCMOS/CMOS) or Sine Wave |
---
### 3. Functional Blocks
Inside the **MHO+12FBD-R**, several electronic sub-systems work together:
1. **SC-Cut Quartz Crystal:** The heart of the unit. The "SC-cut" (Stress Compensated) crystal is used for its superior thermal stability and lower sensitivity to mechanical stress compared to standard AT-cut crystals.
2. **Heating Element & Thermistor:** A heating resistor and a temperature sensor (thermistor) are wrapped around the crystal.
3. **Control Loop (The "Oven"):** An analog or digital PID controller maintains the internal temperature at the "turn-over point" (the temperature where the crystal's frequency change is zero), usually around 75°C to 85°C.
4. **Buffer/Driver IC:** An internal integrated circuit that converts the crystal's weak oscillation into a robust HCMOS signal capable of driving external loads.
---
### 4. Typical Pin Configuration
Most units in this series utilize a 5-pin or 6-pin DIP configuration:
1. **Vcc:** Power Supply input.
2. **Output:** The clock signal frequency.
3. **GND:** Case and circuit ground.
4. **Vref/Vco (Optional):** Voltage control pin for fine-tuning the frequency (Electronic Frequency Control - EFC).
5. **NC:** No connection.
---
### 5. Application Areas
* **Base Stations:** 4G/5G LTE timing.
* **Synthesizers:** Providing a stable reference for RF equipment.
* **Test & Measurement:** High-end oscilloscopes and frequency counters.
* **Network Switches:** Synchronous Ethernet (SyncE) and IEEE 1588 PTP.
- ⤷
What is the difference between an OCXO like the MHO+ and a standard TXCO?
- ⤷ How long is the typical warm-up time for the MHO+12FBD-R to reach stable frequency?
- ⤷ Can you provide the specific pinout diagram for the 20x20mm package?