MHO+11TCD-R
AI

The **MHO+11TCD-R** is a specific model within the series of high-precision, high-frequency crystal oscillators, typically categorized as a **TCXO (Temperature Compensated Crystal Oscillator)**. These components are essential in telecommunications and radio frequency (RF) applications where frequency stability is critical.
---
### 1. Key Technical Specifications
The following table outlines the typical electrical and mechanical parameters for this component:
| Parameter | Specifications (Typical) |
| :--- | :--- |
| **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) |
| **Output Type** | Clipped Sine Wave / CMOS (Model dependent) |
| **Nominal Frequency** | Usually ranges between 10 MHz to 40 MHz |
| **Supply Voltage (Vcc)** | +3.3V DC (standard for '11' series) |
| **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (over temp range) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | SMD (Surface Mount Device) |
---
### 2. Breakdown of the Model Code
While naming conventions vary slightly by manufacturer (often Mercury Electronic or similar precision timing brands), the code generally breaks down as follows:
* **MHO:** Series identifier for High-Stability Oscillators.
* **+11:** Typically denotes the input voltage (e.g., 3.3V) and package size (e.g., 5.0 x 3.2 mm or 7.0 x 5.0 mm).
* **TC:** Stands for **Temperature Compensated**. This means the circuit contains a compensation network that adjusts the crystal's frequency based on ambient temperature to prevent "drift."
* **D:** Often refers to the frequency stability grade (e.g., ±1.5ppm or ±2.0ppm).
* **R:** Indicates **RoHS Compliance** (Lead-free) or Reel packaging for automated assembly.
---
### 3. Internal Components & Functionality
The MHO+11TCD-R is not a simple quartz crystal; it is an active integrated circuit consisting of several parts:
1. **Quartz Crystal Blank:** The vibrating element that provides the base frequency.
2. **Varactor Diode:** Used to pull the frequency of the crystal to the desired target.
3. **Thermistor Network:** Measures the ambient temperature and sends a correction voltage to the varactor.
4. **Buffer Amplifier:** Ensures the output signal is strong enough to drive other components on the PCB without loading the oscillator circuit.
### 4. Common Applications
Due to its high stability, this part is found in:
* **GPS Receivers:** Where precise timing is needed to calculate position.
* **Wireless Communication:** Base stations, Wi-Fi routers, and Point-to-Point radios.
* **IoT Devices:** Low-power wide-area networks (LPWAN) that require reliable frequency locking.
---
- ⤷What are the specific pinout configurations for the MHO+11TCD-R?
- ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
- ⤷ What is the phase noise performance typically expected from this series?