MHO+11FGG-R
AI

The **MHO+11FGG-R** is a specific part number typically associated with a **Crystal Oscillator** or a high-precision timing component, often manufactured by companies like **Mercury Electronic**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The MHO series generally refers to **Metal Can (DIP) Crystal Oscillators**. These are active components that generate a precise clock signal used to synchronize the operations of digital circuits.
### 2. Technical Specifications
While specific suffixes can vary by manufacturer, the "MHO+11" series typically follows these parameters:
| Parameter | Common Specification |
| :--- | :--- |
| **Package Type** | 14-pin DIP (Full Size) or 8-pin DIP (Half Size) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0V DC (Standard) |
| **Frequency Stability** | ±100ppm, ±50ppm, or ±25ppm |
| **Operating Temperature** | 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial) |
| **RoHS Status** | "R" suffix usually denotes RoHS Compliance |
---
### 3. Pin Configuration (14-Pin Full Size)
In a standard MHO series 14-pin DIP package, only four pins are typically functional:
* **Pin 1:** NC (No Connection) or Tri-state Control (Enable/Disable).
* **Pin 7:** Ground (GND).
* **Pin 8:** Output (Clock Signal).
* **Pin 14:** Vcc (+5V Power Supply).
---
### 4. Part Number Breakdown (Nomenclature)
The code **MHO+11FGG-R** can be decoded as follows:
1. **MHO:** Series name (Metal High Output / HCMOS/TTL).
2. **+:** Often indicates lead-free/enhanced processing.
3. **11:** Refers to the physical package size (14-pin full size) and voltage (5V).
4. **F:** Often designates frequency stability (e.g., ±100ppm).
5. **GG:** May refer to specific symmetry or duty cycle requirements (e.g., 40/60%).
6. **-R:** **RoHS Compliant**.
---
### 5. Applications
These oscillators are widely used in legacy and industrial hardware where surface-mount technology (SMT) is not required:
* **Microprocessor Clocks:** Providing the base heartbeat for CPUs.
* **Networking Equipment:** Hubs, routers, and switches.
* **Industrial Controllers:** PLC units and automation hardware.
* **Test & Measurement:** Oscilloscopes and signal generators.
---
- ⤷
What is the exact frequency (MHz) printed on your specific MHO+11FGG-R unit?
- ⤷ Do you need a modern Surface Mount (SMD) equivalent for this DIP part?
- ⤷ Are you troubleshooting a circuit where this oscillator has failed?