MHDPPK37-R
AI

The **MHDPPK37-R** is a specific type of connector accessory known as a **D-Sub Backshell** (or Hood). It is designed to house and protect a 37-pin D-Subminiature connector, providing strain relief and environmental shielding for cable assemblies.
---
### 1. Technical Specifications
The part belongs to the **MHDPPK** series, which is characterized by its "Quick-Snap" locking mechanism and plastic construction.
| Feature | Specification |
| :--- | :--- |
| **Series** | MHDPPK (Plastic) |
| **Number of Positions** | 37-Way (Size DC) |
| **Material** | Polyamide (Nylon), UL94V-0 rated |
| **Cable Entry** | Top Entry (Straight) |
| **Locking Type** | Quick-Snap / Thumb-screws |
| **Operating Temp** | -55°C to +110°C |
| **Color** | Black |
---
### 2. Key Components
The MHDPPK37-R kit typically includes the following electronic and mechanical hardware:
* **Two-piece Plastic Shell:** High-impact plastic halves that snap together without the need for many small screws, simplifying assembly.
* **Strain Relief Grommet Set:** A series of plastic inserts (compression inserts) that accommodate different cable diameters, ensuring the cable doesn't pull out of the solder joints.
* **Jack-screws:** Long screws used to secure the finished cable to the mating port (e.g., a computer or industrial machine).
* **Blanking Plugs:** Used to fill unused holes to maintain structural integrity.
---
### 3. Usage & Applications
This part is commonly used in industrial and data communication environments.
1. **RS-232 / RS-449 Serial Communication:** Standard for legacy data transmission and CNC machinery.
2. **Custom Wire Harnesses:** Providing a professional finish and protection for hand-soldered 37-pin connectors.
3. **Test Equipment:** Housing for cables used in automated test environments where frequent plugging/unplugging occurs.
---
### 4. Part Number Breakdown
`MHDPPK` + `37` + `-R`
* **MHDPPK:** MH Connectors Plastic Plug Kit (Quick-Snap).
* **37:** Denotes the number of pins/sockets (37-way).
* **-R:** Indicates RoHS compliance (Restriction of Hazardous Substances).
- ⤷
What is the difference between the MHDPPK and the MHDM (metalized) series?
- ⤷ What are the specific cable diameter ranges supported by the grommet set?
- ⤷ How does the 'Quick-Snap' assembly process work compared to traditional screw-type hoods?