công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH77FAG-R

  • AI
    The **MH77FAG-R** is a specialized electronic component, specifically a **High-Frequency Power Amplifier Module**. It is primarily designed by Mitsubishi Electric for use in radio frequency (RF) communications, particularly in the VHF/UHF bands. --- ### ## Technical Specifications Overview The MH77FAG-R is an integrated circuit module that combines multiple transistor stages into a single package to simplify the design of radio transmitters. | Feature | Specification | | :--- | :--- | | **Component Type** | RF Power Amplifier Module | | **Frequency Range** | Typically 380 - 470 MHz (UHF Band) | | **Output Power** | ~7.0 Watts | | **Operating Voltage** | 7.2V to 9.6V (Typical) | | **Efficiency** | High-efficiency design for mobile/portable use | | **Input Power** | ~20mW to 50mW (Low drive requirement) | --- ### ### Key Electronic Characteristics 1. **Multi-Stage Amplification:** The module contains a pre-driver, driver, and final power stage. This internal structure allows a very low-power signal (from a VCO or synthesizer) to be boosted to several watts of power suitable for antenna transmission. 2. **Input/Output Matching:** One of the primary benefits of the MH77FAG-R is that the **50-ohm impedance matching** is handled internally. Engineers do not need to design complex LC networks to match the module to standard radio systems. 3. **Encapsulation:** It is usually housed in a "Flange" type package. This design is critical for **thermal management**, as the metal base acts as a heat sink to dissipate the heat generated during high-power transmission. --- ### ### Typical Pin Configuration While specific pinouts should be verified against the official datasheet, these modules generally follow a standard layout: * **Pin 1 (Pin):** RF Input (Low power). * **Pin 2 (Vgg):** Gate Bias Voltage (Used to control the gain and turn the module on/off). * **Pin 3 (Vdd):** Main Supply Voltage (Drain voltage for the transistors). * **Pin 4 (Pout):** RF Output (High power to antenna). * **Fin (GND):** The metal casing/flange serves as the electrical ground and thermal path. --- ### ### Common Applications * **Land Mobile Radios (LMR):** Used in police, fire, and emergency service handheld radios. * **Amateur Radio:** Utilized in 70cm band DIY power amplifiers. * **Data Links:** Industrial wireless telemetry systems requiring long-range transmission. ---
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the MH77FAG-R during continuous transmission?
    • ⤷ Can this module be used for linear modes like SSB
    • ⤷ or is it strictly for FM?
    • ⤷ What is the recommended Vgg voltage for optimal power output?