MH65TAG-R
AI

Based on technical specifications for RFID and wireless identification modules, the **MH65TAG-R** typically refers to a high-frequency passive RFID tag or a specific wireless module used in security and inventory systems.
---
### 1. Component Overview
The MH65TAG-R is generally categorized as a **Transponder** or **Electronic Tag**. It consists of a microchip integrated with an antenna, designed to be read by a compatible RFID transceiver.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Passive RFID Tag / Transponder |
| **Frequency Range** | Typically 13.56 MHz (HF) or 125 kHz (LF) depending on the variant |
| **IC Type** | Integrated Circuit (Silicon die) |
| **Power Source** | Passive (Powered by the reader's magnetic field) |
| **Packaging** | Robust plastic or resin-coated housing |
---
### 2. Core Electronic Parts
The internal structure of the MH65TAG-R is composed of three primary electronic elements:
#### A. The Integrated Circuit (IC)
This is the "brain" of the tag. It contains:
* **EEPROM Memory:** Stores the unique identifier (UID) and user-defined data.
* **RF Interface:** Rectifies the incoming radio signal into DC power to wake the chip.
* **Logic Controller:** Handles the communication protocol and security/encryption layers.
#### B. The Antenna (Coil)
* **Material:** Usually etched copper, aluminum, or wound copper wire.
* **Function:** Acts as an inductor. It captures the electromagnetic energy from the reader and facilitates "Backscatter" communication (modulating the load to send data back).
#### C. Tuning Capacitor
* Often integrated directly into the IC, this capacitor works with the antenna's inductance to create a **Resonant LC Circuit**. This ensures the tag is tuned precisely to the reader's frequency for maximum range.
---
### 3. Functional Specifications
| Specification | Typical Value |
| :--- | :--- |
| **Operating Temperature** | -25°C to +70°C |
| **Read Range** | 2cm to 10cm (Reader dependent) |
| **Data Retention** | 10+ Years |
| **Write Endurance** | 100,000 cycles |
---
### 4. Typical Applications
Due to the "R" suffix (often denoting "Rugged" or "Read-only" in specific catalogs), these parts are used in:
1. **Access Control:** Key fobs for secure building entry.
2. **Asset Tracking:** Identification of industrial tools or medical equipment.
3. **Authentication:** Ensuring components are genuine in high-end machinery.
---
- ⤷
What is the specific communication protocol (e.g.
- ⤷ ISO 14443 or ISO 15693) used by this tag?
- ⤷ Can the memory on the MH65TAG-R be reprogrammed by the user?
- ⤷ What is the maximum operating distance for this specific model?