công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MH64FAG-R

  • AI
    The **MH64FAG-R** is a specific electronic component primarily identified as a **high-precision, high-frequency crystal oscillator** or a specialized **semiconductor module** often used in telecommunications and industrial timing circuits. Below is a detailed breakdown of its technical aspects and characteristics. --- ### 1. General Specifications The part is designed for stability and reliability in signal processing. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Crystal Oscillator / Timing Module | | **Package Style** | Surface Mount (SMD) | | **Frequency Stability** | High (typically measured in ppm) | | **Operating Temperature** | Industrial Grade (-40°C to +85°C) | | **RoHS Status** | Compliant (Lead-free) | --- ### 2. Key Electronic Characteristics The MH64FAG-R is engineered to maintain a precise frequency output despite environmental changes. Its internal architecture usually includes: * **Piezoelectric Resonator:** A high-quality quartz crystal that provides the base frequency. * **Buffer Circuitry:** Integrated circuitry to ensure the output signal is clean and capable of driving the next stage of the PCB without signal degradation. * **Low Phase Noise:** Designed to minimize jitter, which is critical for high-speed data transmission and RF (Radio Frequency) applications. --- ### 3. Application Areas This component is commonly found in specialized electronic sectors: 1. **Telecommunications:** Base stations, routers, and high-speed switches that require synchronized timing. 2. **Embedded Systems:** Industrial PC motherboards and micro-controllers. 3. **Test & Measurement:** Oscilloscopes and frequency counters where precision is non-negotiable. --- ### 4. Identification and Suffixes In the part number `MH64FAG-R`: * **MH64:** Usually refers to the series or the physical footprint size. * **FAG:** Denotes specific internal parameters like voltage (e.g., 3.3V or 5V) and frequency tolerance. * **-R:** Typically stands for **Tape & Reel** packaging, indicating it is intended for automated SMT (Surface Mount Technology) assembly lines. --- ### 5. Schematic Symbol Representation In a CAD or PCB design tool, the part is represented as follows: ```text [ VCC ] | +-----+-----+ | | ---| OUT GND |--- | | +-----------+ ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the MH64FAG-R variant?
    • ⤷ Can you provide the pinout diagram for this SMD package?
    • ⤷ What are the equivalent alternative parts from other manufacturers?