MH61FDG-R
AI

The **MH61FDG-R** is an industrial-grade **Micro-ATX Motherboard** manufactured by **BCM Advanced Research** (or similar industrial computing providers). It is designed around the Intel H61 Express chipset, targeting embedded applications, kiosks, and industrial automation.
---
## 🚩 Technical Specifications Overview
| Component | Specification |
| :--- | :--- |
| **Form Factor** | Micro-ATX (244mm x 244mm) |
| **Chipset** | Intel H61 Express |
| **CPU Support** | Intel 2nd & 3rd Gen Core i7/i5/i3 (LGA1155) |
| **Memory** | 2 x 240-pin DDR3 DIMM (Up to 16GB) |
| **Graphics** | Integrated Intel HD Graphics (via CPU) |
| **Ethernet** | Dual Gigabit LAN (usually Realtek or Intel chips) |
---
## 🔌 Key Electronic Components & Interfaces
### 1. Processor & Power Delivery
* **Socket LGA1155:** Supports Sandy Bridge and Ivy Bridge architectures.
* **VRM (Voltage Regulator Module):** Uses solid capacitors and high-efficiency MOSFETs to ensure stable DC-to-DC conversion for the CPU under 24/7 operating conditions.
### 2. Connectivity & I/O (Rear Panel)
* **Video Outputs:** Typically includes **VGA** and **DVI-D** (some variants include HDMI).
* **USB Ports:** 4 x USB 2.0 ports (H61 chipset limitation; USB 3.0 is usually absent unless a third-party controller is added).
* **Serial Ports:** Includes RS-232/422/485 support, which is critical for industrial peripheral communication.
### 3. Expansion Slots
* **PCI-Express x16:** 1 slot for dedicated GPU or high-speed FPGA cards.
* **PCI-Express x1:** 1 slot for secondary I/O.
* **Legacy PCI:** 2 slots, allowing compatibility with older industrial expansion cards (DAQ, specialized controllers).
### 4. Storage & Internal Headers
* **SATA:** 4 x SATA II (3.0 Gb/s) connectors.
* **GPIO:** 8-bit Digital I/O for sensor integration or relay control.
* **Audio:** Realtek ALC892 (or similar) High Definition Audio codec.
---
## 🛠 Notable Features for Industrial Use
1. **Watchdog Timer:** A hardware circuit that resets the system if the software freezes, ensuring high uptime.
2. **Long Life Cycle:** Unlike consumer boards, the MH61 series components are selected for a 5-7 year production life.
3. **Wide Temperature Tolerance:** Designed to operate in environments with less airflow than a standard desktop PC.
---
- ⤷
What are the compatible power supply requirements for the MH61FDG-R?
- ⤷ Does this motherboard support UEFI or legacy BIOS booting?
- ⤷ How do I configure the RS-232/422/485 jumpers on this board?